Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCP1802T-3302I/OT Datasheet(PDF) 7 Page - Microchip Technology

Part No. MCP1802T-3302I/OT
Description  300 mA, High PSRR, Low Quiescent Current LDO
Download  24 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MICROCHIP [Microchip Technology]
Homepage  http://www.microchip.com
Logo 

MCP1802T-3302I/OT Datasheet(HTML) 7 Page - Microchip Technology

Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
© 2007 Microchip Technology Inc.
DS22053A-page 7
MCP1802
Note: Unless otherwise indicated: V
R = 3.3V, COUT = 1 µF Ceramic (X7R), CIN = 1 µF Ceramic (X7R), IL = 100 µA,
TA = +25°C, VIN = VR + 1.0V, SOT-23-5.
FIGURE 2-13: Dropout Voltage vs. Load
Current.
FIGURE 2-14: Dropout Voltage vs. Load
Current.
FIGURE 2-15: Dynamic Line Response.
FIGURE 2-16: Dynamic Line Response.
FIGURE 2-17: Short Circuit Current vs. Input
Voltage.
FIGURE 2-18: Load Regulation vs.
Temperature.
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 3.3V
+25°C
+0°C
-45°C
+90°C
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0
25
50
75
100
125
150
Load Current (mA)
VOUT = 6.0V
+25°C
+0°C
-45°C
+90°C
0
20
40
60
80
100
120
140
160
0123
4
5
6
789
10
Input Voltage (V)
VOUT = 3.3V
ROUT < 0.1Ω
-1.90
-1.80
-1.70
-1.60
-1.50
-1.40
-45
-22.5
0
22.5
45
67.5
90
Temperature (°C)
VOUT = 0.9V
IOUT = 0.1 mA to 150 mA
VIN = 6V
VIN = 4V
VIN = 10V
VIN = 8V
VIN = 2V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn