Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9814-1-V-A Datasheet(PDF) 3 Page - California Eastern Labs

Part # PS9814-1-V-A
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9814-1-V-A Datasheet(HTML) 3 Page - California Eastern Labs

  PS9814-1-V-A Datasheet HTML 1Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 2Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 3Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 4Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 5Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 6Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 7Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 8Page - California Eastern Labs PS9814-1-V-A Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
PS9814-1,-2
ORDERING INFORMATION
*1 For the application of the Safety Standard, following part number should be used.
*2 With regards to terminal solder (the solder contains lead) plated products (conventionally plated), contact your nearby
sales office.
PART NUMBER ORDER NUMBER
SOLDER PLATING
SPECIFICATION
PACKING STYLE
SAFETY STANDARD
APPROVAL
APPLICATION
PART NUMBER*1
PS9814-1
PS9814-1-A
Pb-Free*2
20 pcs (Tape 20 pcs cut)
Standard products
(UL approved)
PS9814-1
PS9814-1-F3
PS9814-1-F3-A
Embossed Tape 1 500 pcs/reel
PS9814-1-F4
PS9814-1-F4-A
PS9814-2
PS9814-2-A
20 pcs (Tape 20 pcs cut)
PS9814-2
PS9814-2-F3
PS9814-2-F3-A
Embossed Tape 1 500 pcs/reel
PS9814-2-F4
PS9814-2-F4-A
PS9814-1-V
PS9814-1-V-A
20 pcs (Tape 20 pcs cut)
DIN EN60747-5-2
(VDE0884 Part2)
Approved (Option)
PS9814-1
PS9814-1-V-F3 PS9814-1-V-F3-A
Embossed Tape 1 500 pcs/reel
PS9814-1-V-F4 PS9814-1-V-F4-A
PS9814-2-V
PS9814-2-V-A
20 pcs (Tape 20 pcs cut)
PS9814-2
PS9814-2-V-F3 PS9814-2-V-F3-A
Embossed Tape 1 500 pcs/reel
PS9814-2-V-F4 PS9814-2-V-F4-A


Similar Part No. - PS9814-1-V-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9814-1 ETC-PS9814-1 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9814-1-V-A

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com