Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS9814-2-V-F4 Datasheet(PDF) 1 Page - California Eastern Labs

Part # PS9814-2-V-F4
Description  HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS9814-2-V-F4 Datasheet(HTML) 1 Page - California Eastern Labs

  PS9814-2-V-F4 Datasheet HTML 1Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 2Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 3Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 4Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 5Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 6Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 7Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 8Page - California Eastern Labs PS9814-2-V-F4 Datasheet HTML 9Page - California Eastern Labs Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
NEC's HIGH CMR ,
10 Mbps OPEN COLLECTOR
OUTPUT TYPE 8-PIN SSOP (SO-8)
HIGH-SPEED OPTOCOUPLER
PS9814-1,-2
FEATURES
• 40% REDUCTION OF MOUNTING AREA:
5-pin SOP × 2
• HIGH COMMON MODE TRANSIENT IMMUNITY:
CMH, CML = ±20 kV/μs TYP.
• PULSE WIDTH DISTORTION:
| tPHL−tPLH | = 3 ns TYP.
• HIGH-SPEED:
10 Mbps
• HIGH ISOLATION VOLTAGE:
BV = 2 500 Vr.m.s.
• OPEN COLLECTOR OUTPUT
• ORDERING NUMBER OF TAPE PRODUCT:
PS9814-1-F3, F4: 1 500 pcs/reel
PS9814-2-F3, F4: 1 500 pcs/reel
• Pb-FREE PRODUCT
• SAFETY STANDARDS:
UL approved: File No. E72422
DIN EN60747-5-2 (VDE0884 Part2) approved
No.40008347 (option)
DESCRIPTION
NEC's PS9814-1 and PS9814-2 are active-low type high-
speed optocouplers that use a GaAlAs light-emitting diode
on the input side and a photodetector IC that includes a
photodiode and a signal processor on the same chip on the
output side.
The PS9814-1, -2 are designed specifically for high
common mode transient immunity (CMR) and low pulse
width distortion, the PS9814-2 is suitable for high density
applications.
California Eastern Laboratories
APPLICATIONS
• Measurement Equipment
• PDP
• Industrial Automation
LED
OUTPUT
ON
L
OFF
H
TRUTH TABLE
The information in this document is subject to change without notice. Before using this document, please confirm that
this is the latest version.
1 2 3 4
8 7 6 5
PS9814-1
1. NC
2. Anode
3. Cathode
4. NC
5. GND
6. VO
7. NC
8. VCC
1 2 3 4
8 7 6 5
PS9814-2
1. Anode1
2. Cathode1
3. Cathode2
4. Anode2
5. GND
6. VO2
7. VO1
8. VCC
PIN CONNECTION
(Top View)


Similar Part No. - PS9814-2-V-F4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS9814-2 ETC-PS9814-2 Datasheet
110Kb / 3P
   NECs 10 Mbps HIGH CMR OPEN COLLECTOR OUTPUT TYPE 8-PIN SOP HIGH-SPEED PHOTOCOUPLER
More results

Similar Description - PS9814-2-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9817A-1 CEL-PS9817A-1 Datasheet
271Kb / 16P
   HIGH CMR, 10 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_15 Datasheet
297Kb / 19P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS9817-1 CEL-PS9817-1 Datasheet
592Kb / 12P
   NECs HIGH CMR, 10Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED OPTOCOUPLER
PS9821-1 CEL-PS9821-1 Datasheet
295Kb / 17P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9821-1 RENESAS-PS9821-1_V01 Datasheet
275Kb / 15P
   HIGH CMR, 15 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) 3.3 V HIGH-SPEED PHOTOCOUPLER
Dec 17, 2021
logo
California Eastern Labs
PS9822-1 CEL-PS9822-1 Datasheet
205Kb / 12P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
logo
Renesas Technology Corp
PS9822-1 RENESAS-PS9822-1_15 Datasheet
176Kb / 14P
   1 Mbps OPEN COLLECTOR OUTPUT TYPE 8-PIN SSOP (SO-8)
PS8802-1 RENESAS-PS8802-1 Datasheet
290Kb / 18P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8)
logo
California Eastern Labs
PS8802-1 CEL-PS8802-1 Datasheet
296Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
PS8802 CEL-PS8802 Datasheet
515Kb / 16P
   1 Mbps HIGH CMR ANALOG OUTPUT TYPE 8-PIN SSOP (SO-8) HIGH-SPEED PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com