Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS21963-4C Datasheet(PDF) 9 Page - Powerex Power Semiconductors

Part # PS21963-4C
Description  Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWEREX [Powerex Power Semiconductors]
Direct Link  http://www.pwrx.com
Logo POWEREX - Powerex Power Semiconductors

PS21963-4C Datasheet(HTML) 9 Page - Powerex Power Semiconductors

Back Button PS21963-4C Datasheet HTML 2Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 3Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 4Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 5Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 6Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 7Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 8Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 9Page - Powerex Power Semiconductors PS21963-4C Datasheet HTML 10Page - Powerex Power Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
PS21963-4, PS21963-4A, PS21963-4C
Intellimod™ Module
Dual-In-Line Intelligent Power Module
10 Amperes/600 Volts
Powerex, Inc., 173 Pavilion Lane,Youngwood, Pennsylvania 15697-1800 (724) 925-7272

Rev. 03/07
100
102
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
103
104
100
102
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
103
104
100
102
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
103
104
100
102
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
102
103
100
102
101
101
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
102
103
100
102
101
102
COLLECTOR CURRENT, IC, (AMPERES)
SWITCHING TIME (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
103
104
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
COLLECTOR CURRENT, IC, (AMPERES)
102
101
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART N-SIDE)
101
10-1
100
10-2
100
COLLECTOR CURRENT, IC, (AMPERES)
102
SWITCHING LOSS (ON) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
101
100
10-1
10-2
100
101
COLLECTOR CURRENT, IC, (AMPERES)
102
101
SWITCHING LOSS (OFF) VS.
COLLECTOR CURRENT
(TYPICAL - INVERTER PART P-SIDE)
101
10-1
100
10-2
100
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = VDB = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD
VCC = 300V
VCIN = 0 ⇔ 5V
VD = 15V
Tj = 25°C
Tj = 125°C
INDUCTIVE LOAD


Similar Part No. - PS21963-4C

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PS21963-4C MITSUBISHI-PS21963-4C Datasheet
179Kb / 10P
   600V/10A low-loss 5th generation IGBT inverter bridge for three phase DC-to-AC power conversion
PS21963-4CE MITSUBISHI-PS21963-4CE Datasheet
185Kb / 10P
   Dual-In-Line Package Intelligent Power Module
More results

Similar Description - PS21963-4C

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PS21563-SP POWEREX-PS21563-SP Datasheet
221Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21563 POWEREX-PS21563 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21563-PP POWEREX-PS21563-PP Datasheet
346Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21963 POWEREX-PS21963 Datasheet
365Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 10 Amperes/600 Volts
PS21353-G POWEREX-PS21353-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21553-G POWEREX-PS21553-G Datasheet
73Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (10 Amperes/600 Volts)
PS21342-G POWEREX-PS21342-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21552-G POWEREX-PS21552-G Datasheet
89Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (5 Amperes/600 Volts)
PS21564 POWEREX-PS21564 Datasheet
83Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module (15 Amperes/600 Volts)
PS21867-P POWEREX-PS21867-P Datasheet
266Kb / 6P
   Intellimod??Module Dual-In-Line Intelligent Power Module 30 Amperes/600 Volts
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com