Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4300W Datasheet(PDF) 11 Page - Pericom Semiconductor Corporation

Part # PT7C4300W
Description  Real-time Clock Module (I짼c Bus)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4300W Datasheet(HTML) 11 Page - Pericom Semiconductor Corporation

Back Button PT7C4300W Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 13Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 14Page - Pericom Semiconductor Corporation PT7C4300W Datasheet HTML 15Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0222(02/06)
Ver: 0
11
Data Sheet
PT7C4300
Real-time Clock Module (I
2C Bus)
a)
Write via I
2C bus
b)
Read via I
2C bus
Standard read
Simplified read
Note:
1.
The above steps are an example of transfers of one or two bytes only. There is no limit to the number of bytes transferred
during actual communications.
2.
49H, 4AH are used as test mode address. Customer should not use the addresses.
Slave address (7 bits)
11
0
1
00
0
0
write
Addr. setting
Slave address + write specification
Address
Specifies the write start address.
A
bit
76543
210
bit
bit
bit
bit
bit
bit
bit
AP
Write data
S
A
A
C
K
A
C
K
A
C
K
Start
Stop
Slave address (7 bits)
11
0
1
0
0
0
0
write
Slave address + write specification
Address
Specifies the read start address.
Addr. setting
A
S
Slave address (7 bits)
11
0
1
00
0
1
Read
Slave address + read specification
Data read (1)
Data is read from the specified start
address and address auto increment.
A
bit
765
43
210
bit
bit
bit
bit
bit
bit
bit
/A
P
Sr
76
5
4
3
210
bit
bit
bit
bit
bit
bit
bit
bit
Data read (2)
Address auto increment to set the
address for the next data to be read.
A
C
K
N
O
A
C
K
A
A
C
K
A
C
K
A
C
K
A
Start
Stop
Restart
Data read (2)
Address register auto increment to set
the address for the next data to be
read.
Data read (1)
Data is read from the address pointed
by the internal address register and
address auto increment.
Slave address (7 bits)
11
0
1
00
0
1
Read
A
bit
7
6
5
432
10
bit
bit
bit
bit
bit
bit
bit
/A
P
S
76
543
21
0
bit
bit
bit
bit
bit
bit
bit
bit
A
C
K
N
O
A
C
K
A
C
K
A
Stop
Start
Slave address + read specification


Similar Part No. - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302W PERICOM-PT7C4302W Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302WE PERICOM-PT7C4302WE Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
PT7C4302WEX PERICOM-PT7C4302WEX Datasheet
457Kb / 14P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4300W

ManufacturerPart #DatasheetDescription
logo
Epson Company
RA8900SA EPSON-RA8900SA Datasheet
335Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RTC-4543 EPSON-RTC-4543 Datasheet
257Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-4574 EPSON-RTC-4574 Datasheet
295Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RTC-8564NB EPSON-RTC-8564NB Datasheet
298Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
RX-8035SA EPSON-RX-8035SA Datasheet
283Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
logo
Diodes Incorporated
PT7C433833A DIODES-PT7C433833A Datasheet
2Mb / 20P
   Real-time Clock Module (I2C Bus)
Rev 2 - 2 June 2019
logo
List of Unclassifed Man...
PT7C4337 ETC2-PT7C4337 Datasheet
622Kb / 25P
   Real-time Clock Module (I2C Bus)
logo
Epson Company
RTC-4701 EPSON-RTC-4701 Datasheet
279Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-4581NB EPSON-RX-4581NB Datasheet
255Kb / 2P
   REAL TIME CLOCK MODULE (SPI-Bus)
RX-8025SA EPSON-RX-8025SA Datasheet
303Kb / 2P
   REAL TIME CLOCK MODULE (I2C-Bus)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com