Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6913C Datasheet(PDF) 4 Page - Texas Instruments

Part # PT6913C
Description  12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6913C Datasheet(HTML) 4 Page - Texas Instruments

  PT6913C Datasheet HTML 1Page - Texas Instruments PT6913C Datasheet HTML 2Page - Texas Instruments PT6913C Datasheet HTML 3Page - Texas Instruments PT6913C Datasheet HTML 4Page - Texas Instruments PT6913C Datasheet HTML 5Page - Texas Instruments PT6913C Datasheet HTML 6Page - Texas Instruments PT6913C Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Application Notes continued
PT6900/PT6910 ADJUSTMENT RESISTOR VALUES
Series Pt #
5.0V Bus
PT6903/13
PT6901/11
PT6902/12
3.3V Bus
PT6904/14
PT6905/15
Vo (nom)
–1.5Vdc
–2.0Vdc
–5.2Vdc
Va (req’d)
–1.2
(3.9)k
–1.3
(24.7)k
–1.4
(86.9)k
(6.6)k
–1.5
(14.9)k
–1.6
236.0k
(27.4)k
–1.7
112.0k
(48.1)k
–1.8
70.3k
(89.6)k
–1.9
49.6k
(214.0)k
–2.0
37.1k
–2.1
28.8k
239.0k
–2.2
22.9k
115.0k
–2.3
18.4k
73.0k
–2.4
15.0k
52.3k
–2.5
12.2k
39.8k
–2.6
9.9k
31.5k
–2.7
8.1k
25.6k
(0.3)k
–2.8
6.5k
21.1k
(2.1)k
–2.9
5.1k
17.7k
(4.0)k
–3.0
3.9k
14.9k
(6.1)k
–3.1
2.9k
12.6k
(8.5)k
–3.2
2.0k
10.8k
(11.0)k
–3.3
1.1k
9.2k
(13.8)k
–3.4
0.4k
7.8k
(16.9)k
–3.5
6.6k
(20.4)k
–3.6
5.6k
(24.3)k
–3.7
4.7k
(28.7)k
–3.8
3.8k
(33.8)k
Series Pt #
5.0V Bus
PT6901/11
PT6902/12
3.3V Bus
PT6904/14
PT6905/15
Vo (nom)
–2.0Vdc
–5.2Vdc
Va (req’d)
–3.9
3.1k
(39.7)k
–4.0
2.5k
(46.5)k
–4.1
1.9k
(54.6)k
–4.2
1.3k
(64.3)k
–4.3
0.8k
(76.1)k
–4.4
0.4k
(90.9)k
-4.5
0.0k
(106.0)k
–4.6
(135.0)k
–4.7
(171.0)k
–4.8
(224.0)k
–4.9
(313.0)k
–5.0
(491.0)k
–5.1
(1020.0)k
–5.2
–5.3
212.0k
–5.4
97.1k
–5.5
59.0k
–5.6
39.9k
–5.7
28.4k
–5.8
20.8k
–5.9
15.3k
–6.0
11.2k
–6.1
8.1k
–6.2
5.5k
–6.3
3.4k
–6.4
1.7k
–6.5
0.2k
Table 2
R1 = (Blue)
R2 = Black
PT6900/6910 Series


Similar Part No. - PT6913C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6913 TI-PT6913 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
logo
Princeton Technology Co...
PT6913A PTC-PT6913A Datasheet
266Kb / 4P
   Current Regulator for HV LED
PT6913AB PTC-PT6913AB Datasheet
266Kb / 4P
   Current Regulator for HV LED
PT6913B PTC-PT6913B Datasheet
266Kb / 4P
   Current Regulator for HV LED
More results

Similar Description - PT6913C

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6915 TI-PT6915 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com