Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6912A Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6912A
Description  12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6912A Datasheet(HTML) 1 Page - Texas Instruments

  PT6912A Datasheet HTML 1Page - Texas Instruments PT6912A Datasheet HTML 2Page - Texas Instruments PT6912A Datasheet HTML 3Page - Texas Instruments PT6912A Datasheet HTML 4Page - Texas Instruments PT6912A Datasheet HTML 5Page - Texas Instruments PT6912A Datasheet HTML 6Page - Texas Instruments PT6912A Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
PT6910 Series
Standard Application
Ordering Information
+5V Input
+3.3V Input
Vout
PT6911
o PT6914q = –2.0V
PT6912
o PT6915q = –5.2V
PT6913
q
= –1.5V
Cin = Required 330µF electrolytic
Cout = Required 330µF electrolytic
Single-Device: +5V/3.3V input
Remote Sense
+5V & +3.3V Input Voltage
Adjustable Output Voltage
23-pin Space-Saving Package
Solderable Copper Case
The PT6910 series is a series of
high performance 12 watt, plus to minus
voltage convertors that are designed to
power the latest ECL (–5.2V) and
Pin Function
1
Do not connect
2Vout Adjust
3Vin
4Vin
5Vin
6Vin
7Vin
8
Remote Sense GND
9
GND
10
GND
11
GND
12
GND
Pin
Function
13
GND
14
GND
15
GND
16
Vout
17
Vout
18
Vout
19
Vout
20
Vout
21
Vout
22
Remote Sense Vout
23
Do not connect
Pin-Out Information
GaAs (-2.0V) ICs from an existing
+5.0V or +3.3V source.
These regulators are similar to
the popular PT6900 series with the
added feature of Power Trends’ unique
solderable copper case.
A 330µF electrolytic capacitor is
required on both the input and output
for proper operation. Also note that
this product does not include short-
circuit protection.
(For dimensions and PC board layout,
see Package Styles 1300 and 1310.)
Cout
Cin
PT6900
16-21
9-15
3-7
2
V
ADJ
-V
OUT
GND
GND
+V
IN
+
+
22
Remote Sense
Remote Sense
8
PT Series Suffix (PT1234X)
Case/Pin
Configuration
Vertical Through-Hole
N
Horizontal Through-Hole
A
Horizontal Surface Mount
C
PT6910
Specifications
Characteristics
PT6910 SERIES
(Ta= 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +25°C, natural convection
Vin =5.0V
Vo = –2.0V / –1.5V
0.1 (1)
6.0 (2)
A
Vo = –5.2V
0.1 (1)
3.5 (2)
Vin =3.3V
Vo = –2.0V
0.1 (1)
5.0 (2)
A
Vo = –5.2V
0.1 (1)
2.5 (2)
A
Input Voltage Range
0.1A
≤ Io ≤ Imax
PT6911 PT6912/PT6913
4.5
5.5
PT6914/PT6915
3.1
3.6
V
Output Voltage Tolerance
∆Vo
Nominal Vin, Io = Imax
Vo – 0.05
Vo + 0.05
V
0°C
≤ Ta ≤ +60°C
Output Adjust Range
Vo
Pin 14 to Vo or GND
Vo = –2.0V
–1.4
–4.4
Vo = –5.2V
–2.7
–6.5
V
Vo = –1.5V
–1.2
–3.4
Line Regulation
Regline
Over Vin range, Io =Imax
±0.5
±1.0
%
Load Regulation
Regload
Vin =Vnom, 0.1 ≤ Io ≤ Imax
±0.5
±1.0
%
Vo Ripple/Noise
Vn
Vin = Vnom, Io =Imax
Vo = –1.5V / –2.0V
40
mV
Vo = –5.2V
50
Transient Response
ttr
Io step between 0.5xImax and Imax
200
µSec
with Cout = 330µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin =+5V, Io =0.5xImax
Vo = –1.5V
65
Vo = –2.0V
70
%
Vo = –5.2V
77
Vin = +3.3V, Io =0.5xImax
Vo = –2.0V
67
%
Vo = –5.2V
75
Switching Frequency
ƒo
Over Vin and Io ranges
500
600
kHz
Absolute Maximum
Ta
0
+85 (2)
°C
Operating Temperature Range
Recommended Operating
Ta
Over Vin Range
0
+60
°C
Temperature Range
Storage Temperature
Ts
-40
+125
°C
Weight
Vertical/Horizontal
26
grams
Notes:
(1) ISR-will operate down to no load with reduced specifications.
(2) See Safe Operating Area curves, or consult the factory for the appropriate derating.
Patent pending on package assembly
12 Watt 5V/3.3V Input
Plus to Minus Voltage Converter
SLTS113
(Revised 11/30/2000)


Similar Part No. - PT6912A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6912 TI-PT6912 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
More results

Similar Description - PT6912A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLTS113 ETC1-SLTS113 Datasheet
121Kb / 5P
   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
logo
Texas Instruments
PT6905A TI1-PT6905A Datasheet
439Kb / 7P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter
PT6915 TI-PT6915 Datasheet
107Kb / 5P
[Old version datasheet]   12 Watt 5V/3.3V Input Plus to Minus Voltage Converter SLTS113
PT6900 TI-PT6900 Datasheet
188Kb / 5P
[Old version datasheet]   12 WATT PLUS TO MINUS VOLTAGE CONVERTER
PT78NR200 TI-PT78NR200 Datasheet
62Kb / 2P
[Old version datasheet]   10-12W Plus to Minus Voltage Integrated Switching Regulator
PT78NR100 TI-PT78NR100 Datasheet
218Kb / 3P
[Old version datasheet]   1 AMP PLUS TO MINUS VOLTAGE INTEGRATED SWITCHING REGULATOR
SLTS058B TI-SLTS058B Datasheet
178Kb / 6P
[Old version datasheet]   1 Amp Plus to Minus Voltage Integrated Switching Regulator
logo
C&D Technologies
S111-0320XYZ-BB CANDD-S111-0320XYZ-BB Datasheet
370Kb / 9P
   DC/DC Converter 3.3V input, 0.8 to 2.5V output, 10A; 5V input, 1.0 to 3.3V output, 10A
logo
TelCom Semiconductor, I...
TCM680 TELCOM-TCM680 Datasheet
96Kb / 7P
   5V TO 짹10V VOLTAGE CONVERTER
logo
Microchip Technology
TCM680 MICROCHIP-TCM680 Datasheet
334Kb / 18P
   5V To 짹10V Voltage Converter
2005
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com