Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4050 Datasheet(PDF) 10 Page - Pericom Semiconductor Corporation

Part # PT7C4050
Description  PLL with Integrated VCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050 Datasheet(HTML) 10 Page - Pericom Semiconductor Corporation

Back Button PT7C4050 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 9Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 10Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 11Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 12Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 13Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
10
Data Sheet
PT7C4050
PLL with Integrated VCXO
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050LE
C3
0.1uF
R1 5.1K
R2 5.1K
C4
0.1uF
VCC
R3
30K
C5
0.1uF
R4
3.9K
C6
22nF
VCC
LOS
SHR1
R40M1
Y1
40.096MHz
40.096/2.560
C1
C2
Optional
Optional
XRSIG
CLKW
LOS
PHO
CLKIN
14
DATAIN
13
PHO
12
LOSIN
11
S3
10
S2
9
S1
8
OPP
7
OPO
6
OPN
5
AGND
4
NC
3
VC
2
X1
1
DGND
15
LOS
16
RCLK
17
RDATA
18
DVDD
19
CLK-OUT2
20
HIZ
21
CLK-OUT1
22
SEL-OUT1
23
XTGND
24
VDD
25
NC
26
NC
27
X2
28
U1
PT7C4050LE
C3
0.1uF
R1 5.1K
R2 5.1K
C4
0.1uF
VCC
R3
120K
C5
0.1uF
R4
18K
C6
22nF
VCC
LOS
Y1
32.768MHz
32.768/2.048
C1
C2
Optional
Optional
4MHz
VC
VC
LOS
PHO
OPN
R5
33
X-2MHz
R6
33
R7
33
32MHz
X32MHz


Similar Part No. - PT7C4050

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300WE PERICOM-PT7C4300WE Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4050

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-26 PLL-PLL502-26 Datasheet
205Kb / 5P
   High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Abracon Corporation
ABV0226 ABRACON-ABV0226 Datasheet
58Kb / 5P
   High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
logo
Renesas Technology Corp
ICS477-05 RENESAS-ICS477-05 Datasheet
364Kb / 9P
   QUAD PLL WITH VCXO FOR HDTV
062404
logo
List of Unclassifed Man...
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
   Quad PLL with VCXO for HDTV
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com