Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7C4050 Datasheet(PDF) 5 Page - Pericom Semiconductor Corporation

Part # PT7C4050
Description  PLL with Integrated VCXO
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PT7C4050 Datasheet(HTML) 5 Page - Pericom Semiconductor Corporation

  PT7C4050 Datasheet HTML 1Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 2Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 3Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 4Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 5Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 6Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 7Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 8Page - Pericom Semiconductor Corporation PT7C4050 Datasheet HTML 9Page - Pericom Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
|||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||||
PT0239L (06/07)
Ver: 0
5
Data Sheet
PT7C4050
PLL with Integrated VCXO
Function Description
LOS detection
LOS-OUT1 provides output alarm flag when REF-CLK1 is lost. The LOS output is set to logic high after 256 consecutive
FB-CLK (CLKIN) periods with no REF-CLK1 (DATAIN) transitions. As soon as a transition occurs at REF-CLK1 (DATAIN),
LOS is reset to a logic low.
Divider output signals
The internal divider N is 2,4,8, ------, 8192, and creates 5 kinds of 8KHZ frame signals: F0N, F8, F16N, RSP, TSP. F0N
outputs to CLK-OUT3 pin, F16N outputs to CLK-OUT4 pin. The F8, TSP, RSP can be selected by S4:1 (bond option) and output
to CLK-OUT2 pin.
8KHZ frame signals’ generator based on 32MHZ VCXO frequency. All signals are compatible with 4409 DPLL product.


Similar Part No. - PT7C4050

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PT7C4300 PERICOM-PT7C4300 Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300W PERICOM-PT7C4300W Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4300WE PERICOM-PT7C4300WE Datasheet
495Kb / 17P
   Real-time Clock Module (I짼c Bus)
PT7C4302 PERICOM-PT7C4302 Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
PT7C4302P PERICOM-PT7C4302P Datasheet
551Kb / 16P
   Real-time Clock Module (3-wire Interface)
More results

Similar Description - PT7C4050

ManufacturerPart #DatasheetDescription
logo
PhaseLink Corporation
PLL502-26 PLL-PLL502-26 Datasheet
205Kb / 5P
   High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Abracon Corporation
ABV0226 ABRACON-ABV0226 Datasheet
58Kb / 5P
   High Pull-Range VCXO (27MHz) with integrated Audio PLL
logo
Cypress Semiconductor
CY2410 CYPRESS-CY2410 Datasheet
432Kb / 13P
   MPEG Clock Generator with VCXO Integrated phase-locked loop (PLL)
logo
List of Unclassifed Man...
FS6128-01 ETC1-FS6128-01 Datasheet
66Kb / 7P
   PLL Clock Generator IC with VCXO
logo
Renesas Technology Corp
ICS477-05 RENESAS-ICS477-05 Datasheet
364Kb / 9P
   QUAD PLL WITH VCXO FOR HDTV
062404
logo
List of Unclassifed Man...
FS6128-07 ETC-FS6128-07 Datasheet
65Kb / 7P
   PLL Clock Generator IC with VCXO
FS6128-04 ETC-FS6128-04 Datasheet
65Kb / 7P
   PLL CLOCK GENERATOR IC WITH VCXO
logo
Integrated Circuit Syst...
ICS477-05 ICST-ICS477-05 Datasheet
151Kb / 7P
   Quad PLL with VCXO for HDTV
logo
Cypress Semiconductor
CY22388 CYPRESS-CY22388_06 Datasheet
299Kb / 10P
   Factory Programmable Quad PLL Clock Generator with VCXO
logo
SpectraLinear Inc
SL38000 SPECTRALINEAR-SL38000 Datasheet
370Kb / 12P
   Programmable 4-PLL CG with VCXO and SSCG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com