Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4711C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4711C
Description  45-W Dual-Output Isolated DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4711C Datasheet(HTML) 2 Page - Texas Instruments

  PT4711C Datasheet HTML 1Page - Texas Instruments PT4711C Datasheet HTML 2Page - Texas Instruments PT4711C Datasheet HTML 3Page - Texas Instruments PT4711C Datasheet HTML 4Page - Texas Instruments PT4711C Datasheet HTML 5Page - Texas Instruments PT4711C Datasheet HTML 6Page - Texas Instruments PT4711C Datasheet HTML 7Page - Texas Instruments PT4711C Datasheet HTML 8Page - Texas Instruments PT4711C Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
For technical support and further information, visit http://power.ti.com
Pin Function
1+Vin
2–Vin
3
EN 2
4
EN 1
5
Do Not Connect
6
Do Not Connect
7
Do Not Connect
On/Off Enable Logic
Pin Descriptions
Pin 3
Pin 4
Output Status
×1
Off
10
On
Off
Notes:
Logic 1 =Open collector
Logic 0 = –Vin (pin 2) potential
For positive Enable function, connect pin 4
to pin 2 and use pin 3.
For negative Enable function, leave pin 3
open and use pin 4.
+Vin:
The positive input supply for the module with
respect to –Vin. When powering the module from a
–48-V telecom central office supply, this input is
connected to the primary system ground.
–Vin:
The negative input supply for the module, and
the 0-VDC reference for the EN 1, and EN 2 inputs.
When powering the module from a +48-V supply,
this input is connected to the input source return.
EN 1:
The negative logic input that activates the
module output. This pin must be connected to –Vin
to enable the module’s outputs. A high impedance
disables the module’s outputs.
EN 2:
The positive logic input that activates the
module output. If not used, this pin should be left
open circuit. Connecting this input to –Vin disables
the module’s outputs.
+Vo 1:
This is the positive DC output voltage with
respect to –Vo1. The output voltage produced across
±Vo1 is electrically isolated from ±Vin and indepen-
dently regulated from that produced at ±Vo2. If the
+Vo1 node is connected to the secondary ground, a
negative output voltage will be produced at –Vo1.
–Vo 1:
The negative output supply voltage with
respect to +Vo1. If this node is connected to the
secondary ground, a positive voltage is produced at
+Vo1.
+Vo 2:
This is the positive DC output voltage with
respect to –Vo2. The output voltage produced across
±Vo2 is electrically isolated from ±Vin and indepen-
dently regulated from that produced at ±Vo1. If +Vo2
node is connected to the secondary ground, a nega-
tive output voltage will be produced at –Vo2.
–Vo 2:
The negative output supply voltage with
respect to +Vo2. If this node is connected to the
secondary ground, a positive voltage is produced
at +Vo2.
±Vo1 Adjust:
Using a single resistor, this pin allows
the output voltage produced at ±Vo1 to be adjusted
higher or lower by up to 10%. If not used this pin
should be left open circuit.
±Vo2 Adjust:
Using a single resistor, this pin allows
the output voltage produced at ±Vo2 to be adjusted
higher or lower by up to 10%. If not used this pin
should be left open circuit.
Pin Function
8
Pin Not Present
9
Pin Not Present
10
Pin Not Present
11
Pin Not Present
12
Pin Not Present
13
Pin Not Present
14
+Vo1
Pin Configuration
Note: Shaded functions indicates those pins that are at primary-side
potential. All other pins are referenced to the secondary.
Pin Function
15
Not Connected
16
–Vo1
17
Vo1 Adjust
18
+Vo2
19
Not Connected
20
–Vo2
21
Vo2 Adjust
PT4711—48V
45-W Dual-Output Isolated
DC/DC Converter
SLTS225 APRIL 2004


Similar Part No. - PT4711C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4741 TI-PT4741 Datasheet
180Kb / 10P
[Old version datasheet]   70-W Quad-Output DC/DC Converter for DSL
More results

Similar Description - PT4711C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4310 TI1-PT4310 Datasheet
146Kb / 7P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC-DC Converter
PT4313 TI-PT4313 Datasheet
213Kb / 9P
[Old version datasheet]   6-W Low-Profile Dual-Output Isolated DC/DC Converter
PT4833A TI1-PT4833A Datasheet
760Kb / 33P
[Old version datasheet]   35-W Triple Output Isolated DC/DC Converter
logo
Power Integrations, Inc...
DI-53 POWERINT-DI-53 Datasheet
378Kb / 2P
   50 W DC-DC Dual Output Converter
logo
SynQor Worldwide Headqu...
DQ63312QGL07 SYNQOR-DQ63312QGL07 Datasheet
813Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ63318QMA04 SYNQOR-DQ63318QMA04 Datasheet
811Kb / 15P
   Dual Output, High Efficiency, Isolated DC/DC Converter
DQ65033QGL10 SYNQOR-DQ65033QGL10 Datasheet
804Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
logo
Texas Instruments
PT3663 TI-PT3663 Datasheet
317Kb / 15P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
PT4661 TI-PT4661 Datasheet
339Kb / 17P
[Old version datasheet]   30-A Dual Output Isolated DC/DC Converter
logo
SynQor Worldwide Headqu...
DQ63325QGL09 SYNQOR-DQ63325QGL09 Datasheet
821Kb / 14P
   Dual Output, High Efficiency, Isolated DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com