Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS2761-1-A Datasheet(PDF) 6 Page - California Eastern Labs

Part # PS2761-1-A
Description  HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CEL [California Eastern Labs]
Direct Link  http://www.cel.com
Logo CEL - California Eastern Labs

PS2761-1-A Datasheet(HTML) 6 Page - California Eastern Labs

  PS2761-1-A Datasheet HTML 1Page - California Eastern Labs PS2761-1-A Datasheet HTML 2Page - California Eastern Labs PS2761-1-A Datasheet HTML 3Page - California Eastern Labs PS2761-1-A Datasheet HTML 4Page - California Eastern Labs PS2761-1-A Datasheet HTML 5Page - California Eastern Labs PS2761-1-A Datasheet HTML 6Page - California Eastern Labs PS2761-1-A Datasheet HTML 7Page - California Eastern Labs PS2761-1-A Datasheet HTML 8Page - California Eastern Labs PS2761-1-A Datasheet HTML 9Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
PS2761-1
FREQUENCY RESPONSE
Frequency f (kHz)
LONG TERM CTR DEGRADATION
Time (Hr)
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Normalized to 1.0
at TA = 25 ˚C,
IF = 5 mA, VCE = 5 V
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
Load Resistance RL (
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
1.2
1.4
–50
1.0
0.8
0.6
0.4
0.2
0.0
–25
025
50
75
100
100
10
1
10 k
1 k
100
10
IC = 2 mA,
VCC = 5 V,
CTR = 200 %
0
–5
–10
–15
–20
–25
0.1
1
10
100
1 000
100
300
RL = 1 k
0.1
1
10
100
0
50
100
150
200
250
300
350
400
VCE = 5 V,
n = 3
tf
tr
td
ts
0.1
1
10
100
1 000
IF = 1 mA,
VCC = 5 V,
CTR = 200 %
10
100
1 k
10 k
100 k
tf
ts
tr
td
1.2
1.0
0.0
0.4
0.2
0.8
0.6
10
2
10
3
110
4
10
5
10
6
IF = 1 mA, TA = 25 ˚C
IF = 5 mA, TA = 25 ˚C
IF = 20 mA, TA = 25 ˚C
IF = 20 mA, TA = 60 ˚C
IF = 5 mA
;;
Remark The graphs indicate nominal characteristics.
Data Sheet PN10249EJ01V0DS
6


Similar Part No. - PS2761-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1-F3 NEC-PS2761-1-F3 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
PS2761-1-F4 NEC-PS2761-1-F4 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
More results

Similar Description - PS2761-1-A

ManufacturerPart #DatasheetDescription
logo
NEC
PS2761-1 NEC-PS2761-1 Datasheet
79Kb / 7P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2621 CEL-PS2621 Datasheet
123Kb / 4P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2761-1 RENESAS-PS2761-1 Datasheet
261Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2861-1 CEL-PS2861-1 Datasheet
352Kb / 9P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2861-1 RENESAS-PS2861-1 Datasheet
239Kb / 12P
   HIGH ISOLATION VOLTAGE 4-PIN SOP PHOTOCOUPLER
April 1st, 2010
logo
California Eastern Labs
PS2765-1 CEL-PS2765-1 Datasheet
86Kb / 6P
   HIGH ISOLATION VOLTAGE AC INPUT 4-PIN SOP PHOTOCOUPLER
logo
Renesas Technology Corp
RV1S2752Q RENESAS-RV1S2752Q Datasheet
274Kb / 12P
   AUTOMOTIVE HIGH ISOLATION VOLTAGE, 4-PIN SOP (SO4) PHOTOCOUPLER
Rev.2.00 Mar 09, 2023
logo
California Eastern Labs
PS2701A-1 CEL-PS2701A-1_05 Datasheet
318Kb / 11P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2705A-1 RENESAS-PS2705A-1_15 Datasheet
167Kb / 14P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
NEC
PS2705A-1 NEC-PS2705A-1 Datasheet
117Kb / 13P
   HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com