Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MW4IC915NBR1 Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MW4IC915NBR1
Description  RF LDMOS Wideband Integrated Power Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MW4IC915NBR1 Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MW4IC915NBR1_06 Datasheet HTML 1Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 2Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 3Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 4Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 5Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 6Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 7Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 8Page - Freescale Semiconductor, Inc MW4IC915NBR1_06 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
RF Device Data
Freescale Semiconductor
MW4IC915NBR1 MW4IC915GNBR1
Table 1. Maximum Ratings
Rating
Symbol
Value
Unit
Drain-Source Voltage
VDSS
-0.5. +65
Vdc
Gate-Source Voltage
VGS
-0.5. +15
Vdc
Storage Temperature Range
Tstg
-65 to +175
°C
Operating Junction Temperature
TJ
200
°C
Table 2. Thermal Characteristics
Characteristic
Symbol
Value (1)
Unit
Thermal Resistance, Junction to Case
GSM Application
Stage 1, 26 Vdc, IDQ = 60 mA
(Pout = 15 W CW)
Stage 2, 26 Vdc, IDQ = 240 mA
GSM EDGE Application
Stage 1, 26 Vdc, IDQ = 60 mA
(Pout = 7.5 W CW)
Stage 2, 26 Vdc, IDQ = 240 mA
CDMA Application
Stage 1, 26 Vdc, IDQ = 60 mA
(Pout = 3.75 W CW)
Stage 2, 26 Vdc, IDQ = 240 mA
RθJC
7.3
1.7
7.3
1.8
7.4
1.9
°C/W
Table 3. ESD Protection Characteristics
Test Conditions
Class
Human Body Model
1 (Minimum)
Machine Model
M3 (Minimum)
Charge Device Model
C2 (Minimum)
Table 4. Moisture Sensitivity Level
Test Methodology
Rating
Package Peak Temperature
Unit
Per JESD 22-A113, IPC/JEDEC J-STD-020
3
260
°C
Table 5. Electrical Characteristics (TC = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
Functional Tests (In Freescale Test Fixture, 50 ohm system) VDS = 26 Vdc, IDQ1 = 90 mA, IDQ2 = 240 mA, Pout = 15 W PEP,
f1 = 869 MHz, f2 = 869.1 MHz and f1 = 960 MHz and f2 = 960.1 MHz, Two-Tone
Power Gain
Gps
29
31
dB
Power Added Efficiency
PAE
29
31
%
Intermodulation Distortion
IMD
-40
-29
dBc
Input Return Loss
IRL
-15
-10
dB
1. Refer to AN1955/D, Thermal Measurement Methodology of RF Power Amplifiers. Go to http://www.freescale.com/rf.
Select Documentation/Application Notes - AN1955.
(continued)


Similar Part No. - MW4IC915NBR1_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC915NBR1 MOTOROLA-MW4IC915NBR1 Datasheet
334Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MW4IC915NBR1 NXP-MW4IC915NBR1 Datasheet
955Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 8, 3/2011
More results

Similar Description - MW4IC915NBR1_06

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MW4IC2230 MOTOROLA-MW4IC2230 Datasheet
660Kb / 12P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
Freescale Semiconductor...
MW7IC3825NR1 FREESCALE-MW7IC3825NR1 Datasheet
808Kb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
MDE6IC7120NR1 FREESCALE-MDE6IC7120NR1 Datasheet
512Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MMRF2007N NXP-MMRF2007N Datasheet
403Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 6/2015
MD7IC2012N NXP-MD7IC2012N Datasheet
351Kb / 19P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 4/2013
A2I25H060N NXP-A2I25H060N Datasheet
1Mb / 31P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 1/2016
logo
Freescale Semiconductor...
MD7IC2251N FREESCALE-MD7IC2251N Datasheet
722Kb / 17P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC2725NR1 FREESCALE-MW7IC2725NR1_10 Datasheet
960Kb / 24P
   RF LDMOS Wideband Integrated Power Amplifiers
MW7IC3825NR1 FREESCALE-MW7IC3825NR1_10 Datasheet
1Mb / 23P
   RF LDMOS Wideband Integrated Power Amplifiers
logo
NXP Semiconductors
MDE6IC7120N NXP-MDE6IC7120N Datasheet
576Kb / 18P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 0, 10/2009
MW4IC2020N NXP-MW4IC2020N Datasheet
693Kb / 16P
   RF LDMOS Wideband Integrated Power Amplifiers
Rev. 9, 5/2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com