Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PL2211-18VZ Datasheet(PDF) 1 Page - Power IC Ltd.

Part # PL2211-18VZ
Description  300mA Low Noise Dual LDO
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PICSEMI [Power IC Ltd.]
Direct Link  
Logo PICSEMI - Power IC Ltd.

PL2211-18VZ Datasheet(HTML) 1 Page - Power IC Ltd.

  PL2211-18VZ Datasheet HTML 1Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 2Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 3Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 4Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 5Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 6Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 7Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 8Page - Power IC Ltd. PL2211-18VZ Datasheet HTML 9Page - Power IC Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Design Specification
300mA Low Noise Dual LDO
PL2211
FEATURES
Guaranteed 300mA load/ LDO
Ultra low output noise: 100
µV
RMS
Low ground current: 200
µA
Very low dropout: 180mV @300mA
Zero shutdown supply current
TTL-logic-controlled independent enable input
Thermal and current limit protections
Low ESR capacitor compatibility to achieve
Ultra low droop load transient response
Ultra fast line transient response
Tiny 10pin 3mm x 3mm MLF (10L-TDLMF ) package
Fixed options 1.5V, 1.8V, 2.5V, 2.8V, 3.0V and 3.3V
APPLICATIONS
Cellular and cordless phones
Wireless LAN cards
Palmtop computers
Personal communication equipment
DESCRIPTION
The PL2211 is a dual CMOS low dropout linear regulator
with ultra-low-noise output, very low dropout voltage and
very low ground current.
The PL2211 operates from a 2.5V to 5.5V input voltage
range and delivers up to 300mA, with low dropout of 200
mV at 300mA. The other features of PL2211 include short-
circuit protection and thermal-shutdown protection.
The PL2211 is designed especially for battery-powered
portable devices. Its low noise feature makes PL2211 ideal
for noise-sensitive personal communication applications.
Other key application areas for PL2211 also include
palmtop computers, PCMCIA cards and WLAN cards.
The PL2211 has a special feature that if both EN pin is
enabled simultaneously the output of LDO2 delays 20us
from output of LDO1 which helps to minimize inrush
startup current.
The PL2211 is available in tiny 10pin 3mm x 3mm MLF
(10L-TDLMF) package with fixed output voltage versions.
TYPICAL APPLICATION
Power IC Ltd.
- 1 -
www.picsemi.com
Version 1.0
Mar 4, 2007


Similar Part No. - PL2211-18VZ

ManufacturerPart #DatasheetDescription
logo
Power IC Ltd.
PL2211-18VZ PICSEMI-PL2211-18VZ Datasheet
261Kb / 9P
   Dual Low Noise LDO in 3mm횞3mm MLF
More results

Similar Description - PL2211-18VZ

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
RP150K001 RICOH-RP150K001_17 Datasheet
320Kb / 26P
   LOW NOISE Dual 300mA LDO
RP150K RICOH-RP150K Datasheet
811Kb / 28P
   LOW NOISE Dual 300mA LDO
logo
Unisonic Technologies
LR7XXYY UTC-LR7XXYY Datasheet
195Kb / 7P
   LOW NOISE DUAL 300mA LDO
logo
List of Unclassifed Man...
CM2730 ETC-CM2730 Datasheet
267Kb / 10P
   300mA DUAL LOW NOISE CMOS LDO
logo
Mitsumi Electronics, Co...
MM1899 MITSUMI-MM1899 Datasheet
383Kb / 18P
   Low noise 300mA LDO
logo
Taiwan Semiconductor Co...
TS9007 TSC-TS9007_07 Datasheet
313Kb / 8P
   300mA Low Noise CMOS LDO
logo
Unisonic Technologies
LR9101 UTC-LR9101_17 Datasheet
216Kb / 5P
   LOW NOISE 300mA LDO REGULATOR
LR9102 UTC-LR9102_17 Datasheet
274Kb / 6P
   LOW NOISE 300mA LDO REGULATOR
logo
Global Mixed-mode Techn...
G914X GMT-G914X Datasheet
275Kb / 10P
   300mA Low-Noise LDO Regulators
logo
Unisonic Technologies
LR9102 UTC-LR9102 Datasheet
166Kb / 4P
   LOW NOISE 300mA LDO REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com