Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2755E+ Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS2755E+
Description  High-Accuracy Battery Fuel Gauge with Snapshot
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS2755E+ Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS2755E+ Datasheet HTML 1Page - Dallas Semiconductor DS2755E+ Datasheet HTML 2Page - Dallas Semiconductor DS2755E+ Datasheet HTML 3Page - Dallas Semiconductor DS2755E+ Datasheet HTML 4Page - Dallas Semiconductor DS2755E+ Datasheet HTML 5Page - Dallas Semiconductor DS2755E+ Datasheet HTML 6Page - Dallas Semiconductor DS2755E+ Datasheet HTML 7Page - Dallas Semiconductor DS2755E+ Datasheet HTML 8Page - Dallas Semiconductor DS2755E+ Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
DS2755: High-Accuracy Battery Fuel Gauge with Snapshot
4 of 20
ELECTRICAL CHARACTERISTICS—1-WIRE INTERFACE
(2.5V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Snapshot Trigger 0
tSWL
1
16
μs
Snapshot Delay
tSDLY
80
100
120
μs
STANDARD TIMING
Time Slot
tSLOT
60
120
μs
Recovery Time
tREC
1
μs
Write-0 Low Time
tLOW0
60
119
μs
Write-1 Low Time
tLOW1
1
15
μs
Read Data Valid
tRDV
15
μs
Reset Time High
tRSTH
480
μs
Reset Time Low
tRSTL
480
960
μs
Presence-Detect High
tPDH
15
60
μs
Presence-Detect Low
tPDL
60
240
μs
Interrupt Time Low
tIL
480
1920
μs
OVERDRIVE TIMING
Time Slot
tSLOT
6
16
μs
Recovery Time
tREC
1
μs
Write-0 Low Time
tLOW0
6
16
μs
Write-1 Low Time
tLOW1
1
2
μs
Read Data Valid
tRDV
2
μs
Reset Time High
tRSTH
48
μs
Reset Time Low
tRSTL
48
80
μs
Presence-Detect High
tPDH
2
6
μs
Presence-Detect Low
tPDL
8
24
μs
Interrupt Time Low
tIL
48
192
μs
EEPROM RELIABILITY SPECIFICATION
(2.5V
≤ VDD ≤ 5.5V, TA = -20°C to +70°C.)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Copy to EEPROM Time
tEEC
2
10
ms
EEPROM Copy
Endurance
NEEC
(Note 11)
50,000
cycles
Note 1:
All voltages are referenced to VSS.
Note 2:
Specifications relative to VIS1 - VIS2.
Note 3:
The DS2755 requires a maximum of 25µAH of charge to transition into sleep mode.
Note 4:
Summation of worst case time base and current measurement sampling errors.
Note 5:
Continuous offset cancellation corrects offset errors in the current measurement system. Individual values reported by the
Current register have a maximum offset of ±0.5 LSb’s (±7.8125
μV). Individual values reported in the Average Current register
have a maximum offset of ±2 LSb’s (±7.8125
μV).
Note 6:
Current Gain Error specifies the gain error in the Current register value compared to a reference voltage between IS1 and IS2.
The DS2755 does not compensate for sense resistor characteristics, and any error terms arising from the sense resistor should
be taken into account when calculating total current measurement error.
Note 7:
Achieving the 24 Hour Accumulated Current Error assumes positive offset accumulation blanking is enabled (OBEN bit set) and
can require a one time 3.5s in-system calibration after mounting to the printed circuit board. Variations in temperature and supply
voltage are compensated for by periodic offset corrections performed automatically during Active mode operation.
Note 8:
Voltage offset measurement is with respect to 4.2V at +25°C.
Note 9:
Self heating due to output pin loading and sense resistor power dissipation can alter the Temperature reading from ambient
conditions.
Note 10:
Typical value for tERR valid at 3.7V and +25°C. tERR applies to all internal timings (ex. fSAMP, tSLEEP, tUVD) except for the 1-Wire
Interface timings.
Note 11:
Four year data retention at +50
°C.


Similar Part No. - DS2755E+

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS275 DALLAS-DS275 Datasheet
126Kb / 8P
   Line-Powered RS-232 Transceiver Chip
logo
Maxim Integrated Produc...
DS2751 MAXIM-DS2751 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751 MAXIM-DS2751 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
DS2751++ MAXIM-DS2751+ Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
DS2751+025 MAXIM-DS2751+025 Datasheet
247Kb / 19P
   Multichemistry Fuel Garge
020105
More results

Similar Description - DS2755E+

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS2756 MAXIM-DS2756_09 Datasheet
368Kb / 27P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
5/09
DS2756 MAXIM-DS2756 Datasheet
300Kb / 26P
   High-Accuracy Battery Fuel Gauge with Programmable Suspend Mode
050806
DS2751 MAXIM-DS2751_V01 Datasheet
253Kb / 19P
   Multichemistry Battery Fuel Gauge
2007
logo
Silicon Mitus, Inc.
SM5603 SILICONMITUS-SM5603 Datasheet
589Kb / 2P
   Fuel Gauge for Battery Pack
July 2021 Rev0.0.0
logo
Dallas Semiconductor
DS2751K DALLAS-DS2751K Datasheet
258Kb / 11P
   Battery Fuel Gauge Evaluation Kit
logo
Texas Instruments
BQ35100 TI1-BQ35100 Datasheet
493Kb / 26P
[Old version datasheet]   Lithium Primary Battery Fuel Gauge
logo
ON Semiconductor
LC709203F ONSEMI-LC709203F Datasheet
911Kb / 23P
   Smart LiB Gauge Battery Fuel Gauge LSI
March 2015- Rev. 8
LC709203F ONSEMI-LC709203F_16 Datasheet
1Mb / 22P
   Smart LiB Gauge Battery Fuel Gauge LSI
June 2016 - Rev. 9
logo
Texas Instruments
BQ27530-G1 TI1-BQ27530-G1_16 Datasheet
1,013Kb / 33P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
BQ27531-G1 TI1-BQ27531-G1_16 Datasheet
1Mb / 34P
[Old version datasheet]   Battery Management Unit Impedance Track Fuel Gauge
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com