Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJK4014DPK Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RJK4014DPK
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJK4014DPK Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK4014DPK
REJ03G1576-0100 Rev.1.00 Aug 08, 2007
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
400
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 400 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
0.20
0.24
ID = 12 A, VGS = 10 V
Note4
Input capacitance
Ciss
1800
pF
Output capacitance
Coss
220
pF
Reverse transfer capacitance
Crss
29
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
35
ns
Rise time
tr
63
ns
Turn-off delay time
td(off)
93
ns
Fall time
tf
49
ns
ID = 12 A
VGS = 10 V
RL = 16.7
Rg = 10
Total gate charge
Qg
47
nC
Gate to source charge
Qgs
10
nC
Gate to drain charge
Qgd
21
nC
VDD = 320 V
VGS = 10 V
ID = 24 A
Body-drain diode forward voltage
VDF
0.95
1.60
V
IF = 24 A, VGS = 0
Note4
Body-drain diode reverse recovery time
trr
310
ns
IF = 24 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 4. Pulse test


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn