Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKP204KP Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RKP204KP
Description  Silicon Epitaxial Planar Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKP204KP Datasheet(HTML) 1 Page - Renesas Technology Corp

  RKP204KP Datasheet HTML 1Page - Renesas Technology Corp RKP204KP Datasheet HTML 2Page - Renesas Technology Corp RKP204KP Datasheet HTML 3Page - Renesas Technology Corp RKP204KP Datasheet HTML 4Page - Renesas Technology Corp RKP204KP Datasheet HTML 5Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1555-0100 Rev.1.00 Jun 28, 2007
Page 1 of 4
RKP204KP
Silicon Epitaxial Planar Pin Diode for Antenna Switching
REJ03G1555-0100
Rev.1.00
Jun 28, 2007
Features
• An optimal solution for antenna switching in mobile phones.
• Low capacitance. (C = 0.35 pF max)
• Low forward resistance. (rf = 1.1 Ω max)
• Low operation current.
• Halogen free, Environmental friendly Package include Conformity to RoHS Directive.
• Ultra small Package (0.6mm×0.3mm Size leadless type)
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
RKP204KP
S
MP6
PXSN0002ZB-A
Pin Arrangement
Cathode mark
Mark
1
2
1. Cathode
2. Anode


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HVD141 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVU145 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
RKP200KP Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP402KS Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVL142AM Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVD142A Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVL145 Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  More Renesas Technology Corp
HVD133A Silicon Epitaxial Planar Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
HVD147 Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp
RKP201KL Silicon Epitaxial Trench Pin Diode for Antenna Switching 1  2  3  4  5  Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn