Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RQG2001URAQF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RQG2001URAQF
Description  NPN Silicon Germanium Transistor High Frequency Medium Power Amplifier
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG2001URAQF Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button RQG2001URAQF Datasheet HTML 3Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 4Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 5Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 6Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 7Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 8Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 9Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 10Page - Renesas Technology Corp RQG2001URAQF Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
RQG2001URAQF
REJ03G1554-0100 Rev.1.00 Aug 10, 2007
Page 7 of 26
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
Scale: 12 / div.
Scale: 0.03 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
S22 Parameter vs. Frequency
Condition: VCE = 3 V, IC = 40 mA, ZO = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)
Condition: VCE = 3 V, IC = 40 mA, ZO = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 4000 MHz (200 MHz Step)


Similar Part No. - RQG2001URAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1001UP-TL-E RENESAS-RQG1001UP-TL-E Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1003UQ-TL-E RENESAS-RQG1003UQ-TL-E Datasheet
317Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1003UQAQF RENESAS-RQG1003UQAQF Datasheet
317Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1004UP-TL-E RENESAS-RQG1004UP-TL-E Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
More results

Similar Description - RQG2001URAQF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RQG1004UPAQL RENESAS-RQG1004UPAQL Datasheet
283Kb / 19P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1003UQAQF RENESAS-RQG1003UQAQF Datasheet
317Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
RQG1001UPAQF RENESAS-RQG1001UPAQF Datasheet
314Kb / 17P
   NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
logo
NEC
NE664M04 NEC-NE664M04 Datasheet
128Kb / 9P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE678M04 CEL-NE678M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
NEC
NE678M04 NEC-NE678M04 Datasheet
62Kb / 7P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
California Eastern Labs
NE677M04 CEL-NE677M04 Datasheet
207Kb / 8P
   MEDIUM POWER NPN SILICON HIGH FREQUENCY TRANSISTOR
logo
Renesas Technology Corp
2SC5998 RENESAS-2SC5998 Datasheet
104Kb / 11P
   Silicon NPN Epitaxial High Frequency Medium Power Amplifier
logo
Sanyo Semicon Device
CPH6002 SANYO-CPH6002 Datasheet
32Kb / 3P
   NPN Epitaxial Planar Silicon Transistor High-Frequency Medium-Power Amplifier Applications
logo
AUK corp
2SC5342M AUK-2SC5342M Datasheet
216Kb / 4P
   NPN Silicon Transistor (Medium power amplifier)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com