Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1004UPAQL Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RQG1004UPAQL
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1004UPAQL Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQG1004UPAQL Datasheet HTML 1Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 2Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 3Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 4Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 5Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 6Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 7Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 8Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
RQG1004UPAQL
REJ03G1552-0100 Rev.1.00 Jul 20, 2007
Page 3 of 18
Main Characteristics
50
100
150
0
123
200
0
123
f = 1 MHz
Ambient Temperature Ta (°C)
Collector Power Dissipation Curve
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Reverse Transfer Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
f = 1 GHz
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
IB = 10 µA
30
µA
50
µA
70
µA
90
µA
110
µA
130
µA
50
100
150
200
250
0
5
10
15
20
25
30
35
2 V
3 V
VCE = 1 V
0.1
1
10
100
1
10
100
0
5
10
15
20
25
30
35
40
45
Value on PCB
(FR-4 : 40 x 40 x 1.6 mm
double side)
210
µA
150
µA
190
µA
170
µA
3 V
2 V
VCE = 1 V
0
50
100
150
200
250
MAG
MSG
S21
VCE = 2 V
IC = 3 mV
0.1
1
10
0
5
10
15
20
25
40
30
35
|S21|
2, MSG, MAG vs. Frequency
Frequency f (GHz)
0.12
0.20
0.16
0.04
0.08


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn