Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1004UPAQL Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RQG1004UPAQL
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1004UPAQL Datasheet(HTML) 2 Page - Renesas Technology Corp

  RQG1004UPAQL Datasheet HTML 1Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 2Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 3Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 4Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 5Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 6Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 7Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 8Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
RQG1004UPAQL
REJ03G1552-0100 Rev.1.00 Jul 20, 2007
Page 2 of 18
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min.
Typ
Max.
Unit
Test Conditions
DC current transfer ratio
hFE
150
180
230
VCE = 2 V, IC = 3 mA
Reverse Transfer Capacitance
Cre
0.07
pF
VCB = 2 V, IE = 0, f = 1 MHz
Transition Frequency
fT
41
GHz
VCE = 2 V, IC = fT peak, f = 1 GHz
0.9 GHz
18.5
1.5 GHz
17.5
2.4 GHz
16.5
VCE = 2 V, IC = 3 mA
Forward Transfer Coefficient
5.8 GHz
|S21|
2
10.5
dB
VCE = 2 V, IC = 10 mA
0.9 GHz
23
1.5 GHz
21
2.4 GHz
19
VCE = 2 V, IC = 3 mA
Maximum Stable Gain
Note1
5.8 GHz
MSG
16
dB
VCE = 2 V, IC = 10 mA
Maximum Available Gain
Note2
5.8 GHz
MAG
12.5
dB
VCE = 2 V, IC = 10 mA
1.5 GHz
18
VCE = 2 V, IC = 3 mA
Power Gain
5.8 GHz
PG
11.5
dB
VCE = 2 V, IC = 10 mA
1.5 GHz
0.7
VCE = 2 V, IC = 3 mA
Noise figure
5.8 GHz
NF
1.3
dB
VCE = 2 V, IC = 10 mA
Notes: 1. MSG = |S21| / |S12|
2. MAG = |S21| / |S12|(K-(K
2-1)1/2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn