Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1004UPAQL Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RQG1004UPAQL
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1004UPAQL Datasheet(HTML) 1 Page - Renesas Technology Corp

  RQG1004UPAQL Datasheet HTML 1Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 2Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 3Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 4Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 5Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 6Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 7Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 8Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
REJ03G1552-0100 Rev.1.00 Jul 20, 2007
Page 1 of 18
RQG1004UPAQL
NPN Silicon Germanium Transistor
High Frequency Low Noise Amplifier
REJ03G1552-0100
Rev.1.00
Jul 20, 2007
Features
• Ideal for LNA applications. e.g. Tuner, Wireless LAN, Cordless phone and etc.
• High gain and low noise.
MSG = 25 dB typ. , NF = 0.65 dB typ. at VCE = 2 V, IC = 5 mA, f = 0.9 GHz
MSG = 22 dB typ. , NF = 0.75 dB typ. at VCE = 2 V, IC = 5 mA, f = 1.8 GHz
MSG = 21 dB typ. , NF = 0.85 dB typ. at VCE = 2 V, IC = 5 mA, f = 2.4 GHz
MSG = 15 dB typ. , NF = 1.3 dB typ. at VCE = 2 V, IC = 10 mA, f = 5.8 GHz
• High transition frequency
fT = 41 GHz typ.
• Small and low height package
MFPAK-4 (1.4 x 0.8 x 0.55(max) mm)
Outline
1.Emitter
2.Collector
3.Emitter
4.Base
1
2
3
4
RENESAS package code: PUSF0004ZA-A
(Package name: MFPAK-4)
Note:
Marking is “UP-”.
Absolute Maximum Ratings
(Ta = 25°C)
Item
Symbol
Ratings
Unit
Collector to base voltage
VCBO
8
V
Collector to emitter voltage
VCEO
3.5
V
Emitter to base voltage
VEBO
1.2
V
Collector current
IC
35
mA
Pc
80
mW
Collector power dissipation
Pc
200
note1
mW
Junction temperature
Tj
150
°C
Storage temperature
Tstg
–55 to +150
°C
Notes: 1. Value on PCB (FR-4 : 40 x 40 x 1.6mm double side)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn