Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1004UPAQL Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. RQG1004UPAQL
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  19 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1004UPAQL Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button RQG1004UPAQL Datasheet HTML 2Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 3Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 4Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 5Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 6Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 7Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 8Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 9Page - Renesas Technology Corp RQG1004UPAQL Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
RQG1004UPAQL
REJ03G1552-0100 Rev.1.00 Jul 20, 2007
Page 6 of 18
Scale: 0.04 / div.
Condition: VCE = 2 V, Zo = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 2000 MHz (200 MHz Step)
2000 to 6000 MHz (400 MHz Step)
S22 Parameter vs. Frequency
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
IC = 3 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 50 mA
Condition: VCE = 2 V, Zo = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 2000 MHz (200 MHz Step)
2000 to 6000 MHz (400 MHz Step)
Scale: 10 / div.
S11 Parameter vs. Frequency
S21 Parameter vs. Frequency
S12 Parameter vs. Frequency
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
10
5
4
3
2
1.5
1
.8
-2
-3
-4
-5
-10
.6
.4
.2
0
-.2
-.4
-.6
-.8
-1
-1.5
.2
.4
.6 .8 1
2
3 4 5
1.5
10
30°
60°
90°
120°
150°
180°
-150°
-90°
-60°
-30°
-120°
IC = 3 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 50 mA
Condition: VCE = 2 V, Zo = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 2000 MHz (200 MHz Step)
2000 to 6000 MHz (400 MHz Step)
IC = 3 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 50 mA
IC = 3 mA
IC = 5 mA
IC = 10 mA
IC = 20 mA
IC = 50 mA
Condition: VCE = 2 V, Zo = 50 Ω
100 to 1000 MHz (100 MHz Step)
1000 to 2000 MHz (200 MHz Step)
2000 to 6000 MHz (400 MHz Step)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn