Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1001UPAQF Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. RQG1001UPAQF
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1001UPAQF Datasheet(HTML) 4 Page - Renesas Technology Corp

  RQG1001UPAQF Datasheet HTML 1Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 2Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 3Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 4Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 5Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 6Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 7Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 8Page - Renesas Technology Corp RQG1001UPAQF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
RQG1001UPAQF
REJ03G1551-0100 Rev.1.00 Jul 20, 2007
Page 4 of 16
MSG
S21
MAG
MSG
VCE = 2 V
f = 1.8 GHz
VCE = 2 V
f = 2.4 GHz
Collector Current IC (mA)
Collector Current IC (mA)
VCE = 2 V
f = 5.8 GHz
Collector Current IC (mA)
MAG
S21
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
MAG
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MAG vs. Collector Current
MAG
MSG
S21
S21
VCE = 3 V
f = 5.8 GHz
VCE = 3 V
f = 2.4 GHz
Collector Current IC (mA)
Collector Current IC (mA)
MAG
1
10
100
0
5
10
15
20
25
30
1
10
100
0
5
10
15
20
25
30
|S21|
2, MSG, MAG vs. Collector Current
|S21|
2, MAG vs. Collector Current
MSG
S21
VCE = 3 V
f = 1.8 GHz
Collector Current IC (mA)
1
10
100
0
5
10
15
20
25
30
MAG
|S21|
2, MSG, MAG vs. Collector Current
S21


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn