Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1501 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # TEA1501
Description  Greeny; GreenChip
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1501 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button TEA1501 Datasheet HTML 4Page - NXP Semiconductors TEA1501 Datasheet HTML 5Page - NXP Semiconductors TEA1501 Datasheet HTML 6Page - NXP Semiconductors TEA1501 Datasheet HTML 7Page - NXP Semiconductors TEA1501 Datasheet HTML 8Page - NXP Semiconductors TEA1501 Datasheet HTML 9Page - NXP Semiconductors TEA1501 Datasheet HTML 10Page - NXP Semiconductors TEA1501 Datasheet HTML 11Page - NXP Semiconductors TEA1501 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
1998 Aug 19
8
Philips Semiconductors
Preliminary specification
Greeny; GreenChip
TEA1501
Burst oscillator
The burst oscillator generates a triangular wave signal for
determination of the burst frequency. The burst frequency
is determined accurately and temperature independent by
the externally connected reference resistor RRef and burst
capacitor CBt.
Gate driver
The gate driver switches the power switch. The power
switch is turned on at the beginning of every oscillator
cycle and is turned off by the primary current comparator
or by the maximum on-time. The power switch is also
prevented from turning on if the Vaux voltage has reached
its regulation level or in case of active over temperature
protection or in case of active under voltage lockout
protection.
Power switch
The power switch is an integrated high voltage LDMOST
with a Rdson of 40 Ω, a maximum peak drain voltage of
650 V
, a maximum continuous drain voltage of 500 V and
a maximum drain current of 0.25 A.
Primary current comparator
The primary current comparator senses the voltage across
the external sense resistor RSrc which reflects the primary
current. The detection level of the comparator is 0.5 V. The
power switch is switched off quickly when the source
voltage exceeds this detection level. The comparator has
a typical propagation delay of 80 ns. If the dV/dt of the
drain voltage has to be limited for EMI reasons, a capacitor
can be connected between the Drn and Src pins of
Greeny. The discharge current of this EMI capacitor does
not flow through the sense resistor RSrc and does not
activate the comparator.
Leading edge blanking
To prevent the power switch from switching off due to the
discharge current of the capacitance on the Drn pin a
Leading Edge Blanking (LEB) circuit has been
implemented. The leading edge blanking time is defined
as the maximum duration time needed to discharge the
capacitance at the drain of the power switch. The leading
edge blanking time is determined by the reference resistor
to obtain an accurate and temperature independent time.
The LEB time tracks with the period time of the switch
oscillator.
Modulator
The modulator determines the regulation level of the Vaux
voltage. For a burst duty cycle from 0 to 40% the Vaux
voltage is regulated to 20 V. For stable operation in burst
mode a decrease in regulation voltage is integrated for a
burst duty cycle above 40%. At 100% burst duty cycle the
regulation voltage is 17.5 V.
Counter
The power delivered to the load (auxiliary and secondary)
is a function of the number of energy pulses per burst,
according to the following formula:
Where
η is the efficiency, L
p is the primary inductance, Iprim
is the primary peak current, fburst is the burst frequency and
N is the number of pulses in one burst period.
The counter counts the number of pulses in each burst
period and detects if the Ndata threshold is passed. The
counter state is used for the data transfer function and for
the supply current tracking.
Fig.6 Regulation level VVaux versus burst duty cycle.
handbook, halfpage
MGM826
regulation
level Vaux
(V)
SVaux
17.5
20
0
0
40
CPVaux
burst duty cycle (%)
100
P
load
η
1
2
---
L
p
I
prim
2
f
burst
N
×
×
×
×
×
=


Similar Part No. - TEA1501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1504 PHILIPS-TEA1504 Datasheet
111Kb / 20P
   GreenChip SMPS control IC
1999 Dec 07
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AP PHILIPS-TEA1506AP Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506AT PHILIPS-TEA1506AT Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1506P PHILIPS-TEA1506P Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
More results

Similar Description - TEA1501

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1742T PHILIPS-TEA1742T Datasheet
99Kb / 17P
   GreenChip PFC controller
Rev. 01-10 February 2009
TEA1566 PHILIPS-TEA1566 Datasheet
170Kb / 24P
   GreenChip; SMPS module
1999 Apr 20
TEA1506 PHILIPS-TEA1506 Datasheet
122Kb / 22P
   GreenChip SMPS control IC
2003 Sep 09
TEA1792ATS NXP-TEA1792ATS Datasheet
324Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 1-10 August 2012
TEA1731TS PHILIPS-TEA1731TS Datasheet
245Kb / 19P
   GreenChip SMPS control IC
Rev. 2.1-16 August 2012
TEA1761T NXP-TEA1761T Datasheet
83Kb / 13P
   GreenChip synchronous rectifier controller
Rev. 02-25 April 2007
TEA1705 NXP-TEA1705 Datasheet
116Kb / 11P
   GreenChip SMPS transient controller
Rev. 2-12 December 2013
TEA1733CP NXP-TEA1733CP Datasheet
372Kb / 20P
   GreenChip SMPS control IC
Rev. 2-15 July 2013
TEA1733CT PHILIPS-TEA1733CT Datasheet
374Kb / 20P
   GreenChip SMPS control IC
Rev. 2-16 July 2013
TEA1732TS PHILIPS-TEA1732TS Datasheet
215Kb / 20P
   GreenChip SMPS control IC
Rev. 1-18 March 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com