Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1003UQAQF Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RQG1003UQAQF
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1003UQAQF Datasheet(HTML) 3 Page - Renesas Technology Corp

  RQG1003UQAQF Datasheet HTML 1Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 2Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 3Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 4Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 5Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 6Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 7Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 8Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
RQG1003UQAQF
REJ03G1538-0100 Rev.1.00 Jul 20, 2007
Page 3 of 16
Main Characteristics
50
100
150
300
250
200
150
100
50
0
0
123
200
0
123
f = 1 MHz
2V
VCE = 1 V
3V
Ambient Temperature Ta (°C)
Collector Power Dissipation Curve
Collector to Emitter Voltage VCE (V)
Typical Output Characteristics
Collector Current IC (mA)
DC Current Transfer Ratio vs.
Collector Current
Reverse Transfer Capacitance vs.
Collector to Base Voltage
Collector to Base Voltage VCB (V)
f = 1 GHz
Gain Bandwidth Product vs.
Collector Current
Collector Current IC (mA)
180
µA
200
µA
IB = 20 µA
40
µA
60
µA
80
µA
100
µA
120
µA
140
µA
100
200
300
400
500
0
5
10
15
20
25
30
35
160
µA
2 V
3 V
VCE = 1 V
0.1
1
10
100
0.05
0.10
0.15
0.20
1
10
100
0
5
10
15
20
25
30
35
40
45
Value on PCB
(FR-4 : 40 x 40 x 1.6 mm
double side)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn