Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RQG1003UQAQF Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RQG1003UQAQF
Description  NPN Silicon Germanium Transistor High Frequency Low Noise Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RQG1003UQAQF Datasheet(HTML) 2 Page - Renesas Technology Corp

  RQG1003UQAQF Datasheet HTML 1Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 2Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 3Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 4Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 5Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 6Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 7Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 8Page - Renesas Technology Corp RQG1003UQAQF Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
RQG1003UQAQF
REJ03G1538-0100 Rev.1.00 Jul 20, 2007
Page 2 of 16
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min.
Typ
Max.
Unit
Test Conditions
DC current transfer ratio
hFE
100
200
300
VCE = 2 V, IC = 5 mA
Reverse Transfer Capacitance
Cre
0.12
pF
VCB = 2 V, IE = 0, f = 1 MHz
Transition Frequency
fT
36
GHz
VCE = 2 V, IC = fT peak, f = 1 GHz
0.9 GHz
24
1.8 GHz
20
2.4 GHz
17
Forward Transfer
Coefficient
5.8 GHz
|S21|
2
10
dB
VCE = 2 V, IC = 10 mA
0.9 GHz
26
1.8 GHz
22
2.4 GHz
20
Maximum Stable Gain
note1
5.8 GHz
MSG
14
dB
VCE = 2 V, IC = 10 mA
Maximum Available Gain
note2
5.8 GHz
MAG
11
dB
VCE = 2 V, IC = 10 mA
0.9 GHz
23
1.8 GHz
20
2.4 GHz
18
Power Gain
5.8 GHz
PG
10
dB
VCE = 2 V, IC = 10 mA
0.9 GHz
0.55
1.8 GHz
0.65
2.4 GHz
0.75
Noise figure
5.8 GHz
NF
1.2
dB
VCE = 2 V, IC = 10 mA
Notes: 1. MSG = |S21| / |S12|
2. MAG = |S21| / |S12|(K-(K
2-1)1/2)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn