Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RJK6014DPP Datasheet(PDF) 2 Page - Renesas Technology Corp

Part No. RJK6014DPP
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RJK6014DPP Datasheet(HTML) 2 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RJK6014DPP
REJ03G1531-0100 Rev.1.00 Apr 17, 2007
Page 2 of 3
Electrical Characteristics
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test conditions
Drain to source breakdown voltage
V(BR)DSS
600
V
ID = 10 mA, VGS = 0
Zero gate voltage drain current
IDSS
1
µA
VDS = 600 V, VGS = 0
Gate to source leak current
IGSS
±0.1
µA
VGS =
±30 V, VDS = 0
Gate to source cutoff voltage
VGS(off)
3.0
4.5
V
VDS = 10 V, ID = 1 mA
Static drain to source on state
resistance
RDS(on)
0.475
0.575
ID = 8 A, VGS = 10 V
Note5
Input capacitance
Ciss
1800
pF
Output capacitance
Coss
170
pF
Reverse transfer capacitance
Crss
20
pF
VDS = 25 V
VGS = 0
f = 1 MHz
Turn-on delay time
td(on)
36
ns
Rise time
tr
29
ns
Turn-off delay time
td(off)
93
ns
Fall time
tf
20
ns
ID = 8 A
VGS = 10 V
RL = 37.5
Rg = 10
Total gate charge
Qg
45
nC
Gate to source charge
Qgs
9
nC
Gate to drain charge
Qgd
20
nC
VDD = 480 V
VGS = 10 V
ID = 16 A
Body-drain diode forward voltage
VDF
0.91
1.50
V
IF = 16 A, VGS = 0
Note5
Body-drain diode reverse recovery time
trr
390
ns
IF = 16 A, VGS = 0
diF/dt = 100 A/
µs
Notes: 5. Pulse test


Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
RJK4013DPESilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT2058RSilicon N Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4514DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RJK6014DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4518DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT1065TSilicon P Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RJK5014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
HAT2105TSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT3010RSilicon N/P Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK6014DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4518DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT1065TSilicon P Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RJK5014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
HAT2105TSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT3010RSilicon N/P Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
H7N0608LDSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK1525DPSSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK5015DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4013DPESilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT2058RSilicon N Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4514DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RJK6014DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp
RJK4518DPKSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT1065TSilicon P Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
RJK5014DPPSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
2SK1365FET Silicon N Channel MOS Type for High Speed High Current Switching Switching Power Supply 1 2 3 4 5 MoreToshiba Semiconductor
HAT2105TSilicon N Channel MOS FET High Speed Power Switching 1 2 3 4 Renesas Technology Corp
HAT3010RSilicon N/P Channel Power MOS FET High Speed Power Switching 1 2 3 4 5 MoreRenesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn