Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2299WP Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. HAT2299WP
Description  Silicon N Channel Power MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2299WP Datasheet(HTML) 3 Page - Renesas Technology Corp

  HAT2299WP Datasheet HTML 1Page - Renesas Technology Corp HAT2299WP Datasheet HTML 2Page - Renesas Technology Corp HAT2299WP Datasheet HTML 3Page - Renesas Technology Corp HAT2299WP Datasheet HTML 4Page - Renesas Technology Corp HAT2299WP Datasheet HTML 5Page - Renesas Technology Corp HAT2299WP Datasheet HTML 6Page - Renesas Technology Corp HAT2299WP Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
HAT2299WP
Rev.1.00 Mar 20, 2007 page 3 of 6
Main Characteristics
40
30
20
10
0
50
100
150
200
20
16
12
8
4
02
4
6
8
10
20
16
12
8
4
02
4
6
8
10
VGS = 5.4 V
Tc = 75
°C
−25°C
Case Temperature Tc (°C)
Power vs. Temperature Derating
Drain to Source Voltage VDS (V)
Typical Output Characteristics
Pulse Test
Gate to Source Voltage VGS (V)
Typical Transfer Characteristics
VDS = 10 V
Pulse Test
6
4
2
0
48
12
16
20
1
30
100
3
10
300
1000
0.2
0.1
0.05
1
0.5
0.02
0.01
Gate to Source Voltage VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
8
ID = 28 A
Pulse Test
VGS = 10 V
Pulse Test
30
10
3
1
0.3
0.1
13
10
30
300
1000
0.03
0.001
0.01
0.003
100
Drain to Source Voltage VDS (V)
Maximum Safe Operation Area
100
Ta = 25
°C
100
µs
1 ms
10 µ
s
Operation in this
area is limited by
R
DS(on)
PW = 10 ms
(1shot)
DC
Operation
(Tc
= 25
°C)
14 A
7 A
7 V
5.9 V
25
°C
6.5 V
8 V
10 V


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn