Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE4309 Datasheet(PDF) 3 Page - Peregrine Semiconductor Corp.

Part # PE4309
Description  50 廓 RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PEREGRINE [Peregrine Semiconductor Corp.]
Direct Link  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

PE4309 Datasheet(HTML) 3 Page - Peregrine Semiconductor Corp.

  PE4309_07 Datasheet HTML 1Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 2Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 3Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 4Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 5Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 6Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 7Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 8Page - Peregrine Semiconductor Corp. PE4309_07 Datasheet HTML 9Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Product Specification
PE4309
Page 3 of 9
Document No. 70-0218-06
│ www.psemi.com
©2007 Peregrine Semiconductor Corp. All rights reserved.
Figure 4. Test Circuit Block Diagram
Peregrine Specification 102-0371
C16
C8
C4
C2
C1
C0.5
VDD
VDD
Z=50 Ohm
Z=50 Ohm
ECT BP050-0024UJ03 4x4
MLP 24 Ld Socket
R1
0 OHM
R1
0 OHM
J2
SMASM
J2
SMASM
1
J3
SMASM
J3
SMASM
1
R4
DNI
R4
DNI
C4
100pF
C4
100pF
J1
CWN-350-14-0000
J1
CWN-350-14-0000
DB1
1
GND
2
DB2
3
GND
4
DB3
5
GND
6
DB4
7
GND
8
DB5
9
GND
10
DB6
11
GND
12
DB7
13
GND
14
C3
100pF
C3
100pF
C2
100pF
C2
100pF
C1
0.1µF
C1
0.1µF
U1
MLPQ4X4_24L
U1
MLPQ4X4_24L
NC
1
VDD
2
NC
3
RF1
4
NC
5
ACG
6
ACG
13
NC
14
RF2
15
NC
16
NC
17
NC
18


Similar Part No. - PE4309_07

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4309 PEREGRINE-PE4309_15 Datasheet
330Kb / 9P
   RF Digital Attenuator
logo
Pasternack Enterprises,...
PE4309 PASTERNACK-PE4309_16 Datasheet
361Kb / 3P
   BNC Female Bulkhead Mount Connector Crimp/Solder Attachment
More results

Similar Description - PE4309_07

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4302 PEREGRINE-PE4302 Datasheet
470Kb / 11P
   50 -RF Digital Attenuator 6-bit, 31.5 dB, DC - 4.0 GHz
PE4309 PEREGRINE-PE4309 Datasheet
576Kb / 6P
   50 OHM RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHz
PE4302DS PEREGRINE-PE4302DS Datasheet
456Kb / 11P
   50 Ohm RF Digital Attenuator 6-bit, 31.5 dB, DC-4.0 GHZ
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MACOM-AT90-0107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
Peregrine Semiconductor...
PE94302 PEREGRINE-PE94302 Datasheet
170Kb / 5P
   50 廓 RF Digital Step Attenuator For Rad-Hard Space Applications 6-bit, 31.5 dB, DC - 4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MA-COM-AT90-1107 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com