Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1118M Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1118M
Description  Versatile cordless transmisssion circuit
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1118M Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1118M Datasheet HTML 3Page - NXP Semiconductors TEA1118M Datasheet HTML 4Page - NXP Semiconductors TEA1118M Datasheet HTML 5Page - NXP Semiconductors TEA1118M Datasheet HTML 6Page - NXP Semiconductors TEA1118M Datasheet HTML 7Page - NXP Semiconductors TEA1118M Datasheet HTML 8Page - NXP Semiconductors TEA1118M Datasheet HTML 9Page - NXP Semiconductors TEA1118M Datasheet HTML 10Page - NXP Semiconductors TEA1118M Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
1997 Jul 14
7
Philips Semiconductors
Product specification
Versatile cordless transmisssion circuit
TEA1118; TEA1118A
FUNCTIONAL DESCRIPTION
All data given in this chapter are typical values, except
when otherwise specified.
Supplies (pins LN, SLPE, VCC and REG)
The supply for the TEA1118 and TEA1118A and their
peripherals is obtained from the telephone line.
The ICs generate a stabilized reference voltage (Vref)
between pins LN and SLPE. This reference voltage is
equal to 3.35 V, is temperature compensated and can be
adjusted by means of an external resistor (RVA). It can be
increased by connecting the RVA resistor between
pins REG and SLPE (see Fig.11), or decreased by
connecting the RVA resistor between pins REG and LN.
The voltage at pin REG is used by the internal regulator to
generate the stabilized reference voltage and is decoupled
by a capacitor (CREG) which is connected to VEE.
This capacitor, converted into an equivalent inductance
(see Section “Set impedance”), realizes the set impedance
conversion from its DC value (RSLPE) to its AC value
(RCC in the audio-frequency range). The voltage at pin
SLPE is proportional to the line current. Figure 7 illustrates
the supply configuration.
The ICs regulate the line voltage at pin LN, and it can be
calculated as follows:
VLN =Vref +RSLPE × ISLPE
ISLPE =Iline − ICC − IP − I* = Ish
where:
Iline: line current
ICC: current consumption of the IC
IP: supply current for peripheral circuits
I*: current consumed between LN and VEE
Ish: the excess line current shunted to SLPE (and VEE)
via LN.
The preferred value for RSLPE is 20 Ω. Changing RSLPE will
affect more than the DC characteristics; it also influences
the transmit gain and the DTMF gain (TEA1118A only), the
gain control characteristics, the sidetone level and the
maximum output swing on the line.
The internal circuitry of the TEA1118 and TEA1118A is
supplied from pin VCC. This voltage supply is derived from
the line voltage by means of a resistor (RCC) and must be
decoupled by a capacitor CVCC. It may also be used to
supply peripheral circuits such as dialling or control
circuits. The VCC voltage depends on the current
consumed by the IC and the peripheral circuits as shown
by the formula (see also Figs 8 and 9). RCCint is the
internal equivalent resistance of the voltage supply point,
and Irec is the current consumed by the output stage of the
earpiece amplifier.
VCC =VCC0 − RCCint × (IP − Irec)
VCC0 =VLN − RCC × ICC
The DC line current flowing into the set is determined by
the exchange supply voltage (Vexch), the feeding bridge
resistance (Rexch), the DC resistance of the telephone line
(Rline) and the reference voltage (Vref). With line currents
below 7.5 mA, the internal reference voltage (generating
Vref) is automatically adjusted to a lower value.
This means that more sets can operate in parallel with DC
line voltages (excluding the polarity guard) down to an
absolute minimum voltage of 1.6 V. At currents below
7.5 mA, the circuit has limited transmit and receive levels.
This is called the low voltage area.
Set impedance
In the audio frequency range, the dynamic impedance is
mainly determined by the RCC resistor. The equivalent
impedance of the circuits is illustrated in Fig.10.
Transmit amplifier (pins TX+, TX
− and GAT)
The TEA1118 and TEA1118A have symmetrical transmit
inputs. The input impedance between pins TX+ and TX
− is
equal to 62.5 k
Ω; the input impedance between pins
TX+/TX
− and VEE is equal 36.5 kΩ. The voltage gain from
pins TX+/TX
− to pin LN is set at 11.3 dB.
Automatic gain control is provided on this amplifier for line
loss compensation.
The gain of the TEA1118 can be decreased by connecting
an external resistor RGAT between pins GAT and REG.
The adjustment range is equal to 6 dB. A capacitor CGAT
connected between pins GAT and REG can be used to
provide a first-order low-pass filter. The cut-off frequency
corresponds to the time constant CGAT ×(RGATint // RGAT).
RGATint is the internal resistor which sets the gain with a
typical value of 27 k
Ω.
Transmit mute (pin TMUTE; TEA1118A only)
The transmit amplifier can be disabled by activating the
transmit mute function. When TMUTE is LOW, the normal
speech mode is entered, depending on the level on MUTE.
When TMUTE is HIGH, the transmit amplifier inputs are
disabled while the DTMF input is enabled (no confidence
tone is provided). The voltage gain between LN and
TX+/TX
− is attenuated; the gain reduction is 80 dB.


Similar Part No. - TEA1118M

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1118M

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
ELM409 ELM-ELM409 Datasheet
57Kb / 8P
   Versatile Debounce Circuit
logo
ON Semiconductor
MC33283 ONSEMI-MC33283 Datasheet
467Kb / 21P
   Versatile 6 Regulator Power Management Circuit
July, 2006 ??Rev. 2
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_15 Datasheet
275Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
TEA1065 PHILIPS-TEA1065 Datasheet
154Kb / 28P
   Versatile telephone transmission circuit with dialler interface
March 1994
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
UAA2090T PHILIPS-UAA2090T Datasheet
927Kb / 12P
   900 MHz front end circuit for cordless communication
October 1991
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-0501 AVAGO-HFBR-0501 Datasheet
195Kb / 19P
   Versatile Link The Versatile Fiber Optic Connection
logo
Toshiba Semiconductor
TLP597G TOSHIBA-TLP597G_07 Datasheet
183Kb / 6P
   Cordless Telephone
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com