Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0U1BA Datasheet(PDF) 5 Page - NXP Semiconductors

Part No. PESD5V0U1BA
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PESD5V0U1BA Datasheet(HTML) 5 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
PESD5V0U1BA_BB_BL_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 April 2007
5 of 12
NXP Semiconductors
PESD5V0U1BA/BB/BL
Ultra low capacitance bidirectional ESD protection diodes
Fig 4.
ESD clamping test setup and waveforms
006aab037
50
RZ
CZ
DUT
(DEVICE
UNDER
TEST)
GND
GND
450
RG 223/U
50
Ω coax
ESD TESTER
IEC 61000-4-2 network
CZ = 150 pF; RZ = 330 Ω
4 GHz DIGITAL
OSCILLOSCOPE
10
×
ATTENUATOR
GND
GND
unclamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped +8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
unclamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network)
clamped
−8 kV ESD pulse waveform
(IEC 61000-4-2 network) pin 1 to 2
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 10 A/div
horizontal scale = 15 ns/div
vertical scale = 10 V/div
horizontal scale = 100 ns/div
vertical scale = 10 V/div
horizontal scale = 100 ns/div


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn