Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0U1BA Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. PESD5V0U1BA
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PESD5V0U1BA Datasheet(HTML) 4 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
PESD5V0U1BA_BB_BL_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 April 2007
4 of 12
NXP Semiconductors
PESD5V0U1BA/BB/BL
Ultra low capacitance bidirectional ESD protection diodes
6.
Characteristics
Table 9.
Characteristics
Tamb =25 °C unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Per diode
VRWM
reverse standoff voltage
-
-
5
V
IRM
reverse leakage current
VRWM = 5 V
-
5
100
nA
VBR
breakdown voltage
IR = 5 mA
5.5
7
9.5
V
Cd
diode capacitance
f=1MHz
VR = 0 V
-
2.9
3.5
pF
VR = 5 V
-
1.9
-
pF
rdif
differential resistance
IR = 1 mA
-
-
100
f = 1 MHz; Tamb =25 °C
Fig 2.
Diode capacitance as a function of reverse
voltage; typical values
Fig 3.
V-I characteristics for a bidirectional ESD
protection diode
VR (V)
05
4
23
1
006aab036
2.2
2.6
3.0
Cd
(pF)
1.8
006aaa676
−VCL −VBR −VRWM
VCL
VBR
VRWM
−IRM
IRM
−IR
IR
−IPP
IPP
+


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn