Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PESD5V0U1BA Datasheet(PDF) 3 Page - NXP Semiconductors

Part No. PESD5V0U1BA
Description  Ultra low capacitance bidirectional ESD protection diodes
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NXP [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

PESD5V0U1BA Datasheet(HTML) 3 Page - NXP Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
PESD5V0U1BA_BB_BL_1
© NXP B.V. 2007. All rights reserved.
Product data sheet
Rev. 01 — 25 April 2007
3 of 12
NXP Semiconductors
PESD5V0U1BA/BB/BL
Ultra low capacitance bidirectional ESD protection diodes
5.
Limiting values
[1]
Device stressed with ten non-repetitive ESD pulses.
[2]
Measured from pin 1 to pin 2.
Table 6.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
Per device
Tj
junction temperature
-
150
°C
Tamb
ambient temperature
−65
+150
°C
Tstg
storage temperature
−65
+150
°C
Table 7.
ESD maximum ratings
Symbol
Parameter
Conditions
Min
Max
Unit
Per diode
VESD
electrostatic discharge
voltage
IEC 61000-4-2
(contact discharge)
[1][2] -10
kV
MIL-STD-883 (human
body model)
-8
kV
Table 8.
ESD standards compliance
Standard
Conditions
Per diode
IEC 61000-4-2; level 4 (ESD)
> 15 kV (air); > 8 kV (contact)
MIL-STD-883; class 3 (human body model)
> 4 kV
Fig 1.
ESD pulse waveform according to IEC 61000-4-2
001aaa631
IPP
100 %
90 %
t
30 ns
60 ns
10 %
tr = 0.7 ns to 1 ns


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn