Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1114A Datasheet(PDF) 20 Page - NXP Semiconductors

Part # TEA1114A
Description  Low voltage telephone transmission circuit with dialler interface and regulated strong supply
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1114A Datasheet(HTML) 20 Page - NXP Semiconductors

Back Button TEA1114A Datasheet HTML 16Page - NXP Semiconductors TEA1114A Datasheet HTML 17Page - NXP Semiconductors TEA1114A Datasheet HTML 18Page - NXP Semiconductors TEA1114A Datasheet HTML 19Page - NXP Semiconductors TEA1114A Datasheet HTML 20Page - NXP Semiconductors TEA1114A Datasheet HTML 21Page - NXP Semiconductors TEA1114A Datasheet HTML 22Page - NXP Semiconductors TEA1114A Datasheet HTML 23Page - NXP Semiconductors TEA1114A Datasheet HTML 24Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
2000 Mar 21
20
Philips Semiconductors
Product specification
Low voltage telephone transmission circuit with
dialler interface and regulated strong supply
TEA1114A
handbook, full pagewidth
MGK810
VCC
VDD
LN
VLN
IR
100
nF
TEA1114A
RCC
619
IDD
3 mA
ICC
Iline
Iline
Zline
MIC
MIC
+
DTMF
QR
GAR
RX
CREG
4.7
µF
RSLPE
20
RL2
10 k
100
µF
220
nF
600
REG
AGC
SLPE
VEE
MUTE
10
µF
CVDD
220
µF
CVCC
100
µF
CGARS
CGAR
RL1
RE1
100 k
RE2
VI
VRX
VQR
S1
Fig.16 Test figure for defining receive gains.
Voltage gain defined as Gv = 20 log
; VO =VQR or VRX.
V
O
V
I
-------
Receive and earpiece gains: S1 = open.
Inputs not being tested should be open-circuit.
handbook, full pagewidth
MGK811
VCC
VDD
LN
IR
10
µF
TEA1114A
RCC
619
IDD
VCC
VDD
MIC
MIC
+
DTMF
QR
GAR
RX
CREG
4.7
µF
RSLPE
20
REG
AGC
SLPE
VEE
MUTE
Fig.17 Test figure for defining regulated supply (VDD) performance in ringer and trickle mode.
Inputs not being tested should be open-circuit.


Similar Part No. - TEA1114A

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1110 PHILIPS-TEA1110 Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A Datasheet
249Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION TELEPHONE TRANSMISSION INTERFACE
TEA1110A UTC-TEA1110A Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1110AG-D14-T UTC-TEA1110AG-D14-T Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
More results

Similar Description - TEA1114A

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTCTEA1062N UTC-UTCTEA1062N Datasheet
177Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
TEA1062N UTC-TEA1062N_09 Datasheet
293Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
UTCTEA1062 UTC-UTCTEA1062 Datasheet
113Kb / 13P
   LOW VOLTAGE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1113 PHILIPS-TEA1113 Datasheet
181Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Mar 27
logo
Unisonic Technologies
TEA1110A UTC-TEA1110A_10 Datasheet
224Kb / 9P
   LOW VOLTAGE VERSATILE TELEPHONE TRANSMISSION CIRCUIT WITH DIALLER INTERFACE
logo
NXP Semiconductors
TEA1110A PHILIPS-TEA1110A Datasheet
187Kb / 20P
   Low voltage versatile telephone transmission circuit with dialler interface
1997 Apr 22
TEA1067 PHILIPS-TEA1067 Datasheet
175Kb / 28P
   Low voltage versatile telephone transmission circuit with dialler interface
June 1990
TEA1066T PHILIPS-TEA1066T Datasheet
133Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 04
logo
List of Unclassifed Man...
ILA1068 ETC-ILA1068 Datasheet
352Kb / 11P
   Versatile Telephone Transmission Circuit with Dialler Interface
logo
NXP Semiconductors
TEA1068 PHILIPS-TEA1068 Datasheet
168Kb / 24P
   Versatile telephone transmission circuit with dialler interface
1996 Apr 23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com