Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRG4BC20MDS Datasheet(PDF) 1 Page - International Rectifier

Part # IRG4BC20MDS
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRG4BC20MDS Datasheet(HTML) 1 Page - International Rectifier

  IRG4BC20MDS_07 Datasheet HTML 1Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 2Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 3Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 4Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 5Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 6Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 7Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 8Page - International Rectifier IRG4BC20MDS_07 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
IRG4BC20MD-SPbF
INSULATED GATE BIPOLAR TRANSISTOR WITH
ULTRAFAST SOFT RECOVERY DIODE
Features
E
G
n-channel
C
VCES = 600V
VCE(on) typ. = 1.85V
@VGE = 15V, IC = 11A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
------
------
2.1
RθJC
Junction-to-Case - Diode
------
------
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
------
0.50
------
RθJA
Junction-to-Ambient, typical socket mount
-----
-----
80
Wt
Weight
------
2 (0.07)
------
g (oz)
Thermal Resistance
07/15/04
Absolute Maximum Ratings
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
600
V
IC @ TC = 25°C
Continuous Collector Current
18
IC @ TC = 100°C
Continuous Collector Current
11
ICM
Pulsed Collector Current

36
A
ILM
Clamped Inductive Load Current
‚
36
IF @ TC = 100°C
Diode Continuous Forward Current
7.0
tsc
Short Circuit Withstand Time
10
µs
IFM
Diode Maximum Forward Current
36
A
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
60
PD @ TC = 100°C
Maximum Power Dissipation
24
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
• Rugged: 10µsec short circuit capable at VGS=15V
• Low VCE(on) for 4 to 10kHz applications
• IGBT Co-packaged with ultra-soft-recovery
antiparallel diode
• Industry standard D2Pak package
• Lead-Free
Benefits
• Offers highest efficiency and short circuit
capability for intermediate applications
• Provides best efficiency for the mid range frequency
(4 to 10kHz)
• Optimized for Appliance Motor Drives, Industrial (Short
Circuit Proof) Drives and Intermediate Frequency
Range Drives
• High noise immune "Positive Only" gate drive-
Negative bias gate drive not necessary
• For Low EMI designs- requires little or no snubbing
• Single Package switch for bridge circuit applications
• Compatible with high voltage Gate Driver IC's
• Allows simpler gate drive
PD -95564
W
www.irf.com
1
Short Circuit Rated
Fast IGBT
D2Pak


Similar Part No. - IRG4BC20MDS_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRG4BC20MDS IRF-IRG4BC20MDS Datasheet
200Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, Vce(on)typ.=1.85V, @Vge=15V, Ic=11A)
More results

Similar Description - IRG4BC20MDS_07

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB4059DPBF IRF-IRGB4059DPBF Datasheet
286Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4064DPBF IRF-IRGB4064DPBF Datasheet
370Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGI4061DPBF IRF-IRGI4061DPBF Datasheet
288Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODEINSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGIB7B60KD IRF-IRGIB7B60KD Datasheet
435Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGR3B60KD2 IRF-IRGR3B60KD2 Datasheet
257Kb / 13P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PH40UDPBF IRF-IRG4PH40UDPBF_15 Datasheet
261Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGP4066DPBF IRF-IRGP4066DPBF_15 Datasheet
322Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGB4061DPBF IRF-IRGB4061DPBF_15 Datasheet
410Kb / 10P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC30KDPBF IRF-IRG4PC30KDPBF_15 Datasheet
346Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRG4PC40KDPBF IRF-IRG4PC40KDPBF_15 Datasheet
326Kb / 11P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
IRGPS60B120KDP IRF-IRGPS60B120KDP_15 Datasheet
141Kb / 12P
   INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com