Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CHV2710-QJ Datasheet(PDF) 2 Page - Mimix Broadband

Part No. CHV2710-QJ
Description  2.5 GHz InGaP HBT 5W Linear Power Amplifier
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MIMIX [Mimix Broadband]
Homepage  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CHV2710-QJ Datasheet(HTML) 2 Page - Mimix Broadband

  CHV2710-QJ_07 Datasheet HTML 1Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 2Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 3Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 4Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 5Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 6Page - Mimix Broadband CHV2710-QJ_07 Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2 of 7
CHV2710-QJ
CHV2710-QJ-0G00
EVM vs Pout vs Temp
0
0.5
1
1.5
2
2.5
3
3.5
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Pout (dBm)
85 C 2.7 GHz
25 C 2.7 GHz
-30 C 2.7 GHz
CHV2710-QJ-0G00
Gain Vs Pout Vs Freuqency
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
10
12
14
16
18
20
22
24
26
28
30
32
Pout (dBm)
25 C 2.7 GHz
25 C 2.6 GHz
25 C 2.5 GHz
CHV2710-QJ-0G00
Gain Vs Pout Vs Temperature
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
10
12
14
16
18
20
22
24
26
28
30
32
Pout (dBm)
85 C 2.7 GHz
25 C 2.7 GHz
-30 C 2.7 GHz
CHV2710-QJ-0G00
S21
-15.00
-13.00
-11.00
-9.00
-7.00
-5.00
-3.00
-1.00
1.00
3.00
5.00
7.00
9.00
11.00
13.00
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9
Frequency (GHz)
CHV2710-QJ-0G00
S11 and S22
-30.00
-25.00
-20.00
-15.00
-10.00
-5.00
0.00
5.00
0.1 0.3 0.5 0.7 0.9 1.1 1.3 1.5 1.7 1.9 2.1 2.3 2.5 2.7 2.9 3.1 3.3 3.5 3.7 3.9
Frequency (GHz)
S11
S22
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
2.5 GHz InGaP HBT
5W Linear Power Amplifier
Typical Performance: CHV2710-QJ-0G00 (WiMAX 2.5 GHz)
(802.16 OFDM signal, PAR = 9 dB, Vcc = 12V, Vcontrol = 8V, Icc = 736mA)
CHV2710-QJ-0G00
EVM Vs Pout Vs Frequency
0
0.5
1
1.5
2
2.5
3
3.5
10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
Pout (dBm)
25 C 2.7 GHz
25 C 2.6 GHz
25 C 2.5 GHz
August 2007 - Rev 30-Aug-07


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn