Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPF1414 Datasheet(PDF) 2 Page - OPTEK Technologies

Part # OPF1414
Description  High Speed Fiber Optic Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OPF1414 Datasheet(HTML) 2 Page - OPTEK Technologies

  OPF1414 Datasheet HTML 1Page - OPTEK Technologies OPF1414 Datasheet HTML 2Page - OPTEK Technologies OPF1414 Datasheet HTML 3Page - OPTEK Technologies OPF1414 Datasheet HTML 4Page - OPTEK Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPF1412/1414 Series
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = -40
o C to +85o C unless otherwise noted) Typ. values are at 25o C.
SYMBOL
PARAMETER
MIN
TYP MAX
UNIT
TEST CONDITION
VF
Forward Voltage
1.48
1.70
2.09
V
IF = 60 mA
1.84
IF = 100 mA
VF/T
Forward Voltage Temperature Coefficient
-0.20
mV/
o C IF = 60 mA
VBR
Reverse Input Voltage
1.8
3.8
V
IR = 100
µA
λP
Peak Emission Wavelength
820
840
865
nm
IF = 60 mA
CT
Diode Capacitance
55
pF
V = 0
f = 1 MHz
PT/T
Optical Power Temperature Coeffiecient
-.008
dB/
o C I = 60 mA
-.020
I = 100 mA
Peak Output Optical Power
SYMBOL
PARAMETER
1412/1402
1414/1404
UNIT
TEST CONDITION
MIN
TYP MAX MIN
TYP MAX
PT100
100/140
µm Fiber Cable
N.A. = 0.30
-15.0 -12.0 -10.0
-9.5
-6.5
-4.5
dBm
IF = 60 mA, TA = 25
o C
-16.0
-9.0
-10.5
-3.5
-13.5 -10.0
-7.6
-8.0
-4.5
-2.1
IF = 100 mA, TA = 25
o C
-15.1
-7.0
-9.6
-1.5
PT62
62.5/125
µm Fiber Cable
N.A. = 0.275
-19.0 -16.0 -14.0 -15.0 -12.0 -10.0
dBm
IF = 60 mA, TA = 25
o C
-20.0
-13.0 -16.0
-9.0
-17.5 -14.0 -11.6 -13.5 -10.0
-7.6
IF = 100 mA, TA = 25
o C
-19.1
-11.0 -15.1
-7.0
PT50
50/125
µm Fiber Cable
N.A. = 0.20
-21.8 -18.8 -16.8 -18.8 -15.8 -13.8
dBm
IF = 60 mA, TA = 25
o C
-22.8
-15.8 -19.8
-12.8
-20.3 -16.8 -14.4 -17.3 -13.8 -11.4
IF = 100 mA, IF = 25
o C
-21.9
-13.8 -18.9
-10.8
Dynamic Characteristics
SYMBOL
PARAMETER
1412/1402
1414/1404
UNIT
TEST CONDITION
MIN
TYP MAX MIN
TYP MAX
tr, tf
Rise Time, Fall Time
(10% to 90%)
4.0
6.5
4.0
6.5
ns
IF = 60 mA, No pre-bias
8-5


Similar Part No. - OPF1414

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OPF1414 OPTEK-OPF1414 Datasheet
482Kb / 2P
   HIGH SPEED FIBER OPTIC TRANSMITTER
logo
TT Electronics.
OPF1414 TTELEC-OPF1414 Datasheet
929Kb / 4P
   High Speed Fiber Optic Transmitter
OPF1414 TTELEC-OPF1414 Datasheet
613Kb / 3P
   High Speed Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1414C OPTEK-OPF1414C Datasheet
420Kb / 4P
   850nm Fiber Optic Receiver Module in Dual-in-Line Package
OPF1414T OPTEK-OPF1414T Datasheet
420Kb / 4P
   850nm Fiber Optic Receiver Module in Dual-in-Line Package
More results

Similar Description - OPF1414

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OPF1412 TTELEC-OPF1412 Datasheet
613Kb / 3P
   High Speed Fiber Optic Transmitter
logo
OPTEK Technologies
OPF1402 OPTEK-OPF1402 Datasheet
482Kb / 2P
   HIGH SPEED FIBER OPTIC TRANSMITTER
logo
TT Electronics.
OPF1412T TTELEC-OPF1412T Datasheet
929Kb / 4P
   High Speed Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com