Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPF1412 Datasheet(PDF) 2 Page - OPTEK Technologies

Part No. OPF1412
Description  High Speed Fiber Optic Transmitter
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  OPTEK [OPTEK Technologies]
Homepage  http://www.optekinc.com
Logo 

OPF1412 Datasheet(HTML) 2 Page - OPTEK Technologies

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Types OPF1412/1414 Series
Optek reserves the right to make changes at any time in order to improve design and to supply the best product possible
Optek Technology, Inc.
1215 W. Crosby Road
Carrollton, Texas 75006
(972)323-2200
Fax (972)323-2396
Electrical Characteristics (TA = -40
o C to +85o C unless otherwise noted) Typ. values are at 25o C.
SYMBOL
PARAMETER
MIN
TYP MAX
UNIT
TEST CONDITION
VF
Forward Voltage
1.48
1.70
2.09
V
IF = 60 mA
1.84
IF = 100 mA
VF/T
Forward Voltage Temperature Coefficient
-0.20
mV/
o C IF = 60 mA
VBR
Reverse Input Voltage
1.8
3.8
V
IR = 100
µA
λP
Peak Emission Wavelength
820
840
865
nm
IF = 60 mA
CT
Diode Capacitance
55
pF
V = 0
f = 1 MHz
PT/T
Optical Power Temperature Coeffiecient
-.008
dB/
o C I = 60 mA
-.020
I = 100 mA
Peak Output Optical Power
SYMBOL
PARAMETER
1412/1402
1414/1404
UNIT
TEST CONDITION
MIN
TYP MAX MIN
TYP MAX
PT100
100/140
µm Fiber Cable
N.A. = 0.30
-15.0 -12.0 -10.0
-9.5
-6.5
-4.5
dBm
IF = 60 mA, TA = 25
o C
-16.0
-9.0
-10.5
-3.5
-13.5 -10.0
-7.6
-8.0
-4.5
-2.1
IF = 100 mA, TA = 25
o C
-15.1
-7.0
-9.6
-1.5
PT62
62.5/125
µm Fiber Cable
N.A. = 0.275
-19.0 -16.0 -14.0 -15.0 -12.0 -10.0
dBm
IF = 60 mA, TA = 25
o C
-20.0
-13.0 -16.0
-9.0
-17.5 -14.0 -11.6 -13.5 -10.0
-7.6
IF = 100 mA, TA = 25
o C
-19.1
-11.0 -15.1
-7.0
PT50
50/125
µm Fiber Cable
N.A. = 0.20
-21.8 -18.8 -16.8 -18.8 -15.8 -13.8
dBm
IF = 60 mA, TA = 25
o C
-22.8
-15.8 -19.8
-12.8
-20.3 -16.8 -14.4 -17.3 -13.8 -11.4
IF = 100 mA, IF = 25
o C
-21.9
-13.8 -18.9
-10.8
Dynamic Characteristics
SYMBOL
PARAMETER
1412/1402
1414/1404
UNIT
TEST CONDITION
MIN
TYP MAX MIN
TYP MAX
tr, tf
Rise Time, Fall Time
(10% to 90%)
4.0
6.5
4.0
6.5
ns
IF = 60 mA, No pre-bias
8-5


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn