Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

OPA734 Datasheet(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part No. OPA734
Description  0.05uV/˚C max, SINGLE-SUPPLY CMOS OPERATIONAL AMPLIFIERS
Download  23 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  BURR-BROWN [Burr-Brown (TI)]
Homepage  http://www.burr-brown.com
Logo 

OPA734 Datasheet(HTML) 6 Page - Burr-Brown (TI)

Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
OPA734, OPA2734
OPA735, OPA2735
SBOS282B − DECEMBER 2003 − REVISED FEBRUARY 2005
www.ti.com
6
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = ±5V (same as +10V).
OPEN−LOOP GAIN AND PHASE MARGIN
vs FREQUENCY
Frequency (Hz)
180
160
140
120
100
80
60
40
20
0
−20
−40
180
160
140
120
100
80
60
40
20
0
−20
−40
0.1
100
1k
10k
100k
1M
1
10
10M
LARGE−SIGNAL RESPONSE
Time (5
µs/div)
SMALL−SIGNAL RESPONSE
Time (250ns/div)
POSITIVE OVERVOLTAGE RECOVERY
Time (2.5
µs/div)
Input
Output
OPA735
+5V
−5V
10 k
10k
NEGATIVE OVERVOLTAGE RECOVERY
Time (2.5
µs/div)
Input
Output
OPA 73 5
+5 V
−5V
10k
10k
COMMON−MODE REJECTION RATIO vs FREQUENCY
Frequency (Hz)
140
120
100
80
60
40
20
0
1
1k
10k
100k
1M
10
100
10M


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn