Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1104T Datasheet(PDF) 10 Page - NXP Semiconductors

Part # TEA1104T
Description  Cost effective battery monitor and fast charge IC for NiCd and NiMH chargers
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1104T Datasheet(HTML) 10 Page - NXP Semiconductors

Back Button TEA1104T Datasheet HTML 6Page - NXP Semiconductors TEA1104T Datasheet HTML 7Page - NXP Semiconductors TEA1104T Datasheet HTML 8Page - NXP Semiconductors TEA1104T Datasheet HTML 9Page - NXP Semiconductors TEA1104T Datasheet HTML 10Page - NXP Semiconductors TEA1104T Datasheet HTML 11Page - NXP Semiconductors TEA1104T Datasheet HTML 12Page - NXP Semiconductors TEA1104T Datasheet HTML 13Page - NXP Semiconductors TEA1104T Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
1996 Feb 26
10
Philips Semiconductors
Objective specification
Cost effective battery monitor and fast
charge IC for NiCd and NiMH chargers
TEA1104; TEA1104T
APPLICATION INFORMATION
A guideline for the settings of TEA1104 and its external
components selection is given based on an example of a
1 hour charger for a 4 cell NiCd or NiMH battery pack. The
basic application diagram as illustrated in Fig.6 which is
based on the application diagram illustrated in Fig.7 with
some additional components; a 2 LED charge status
indication has been provided.
For charging a battery within one hour the charge current
rating should be as follows:
Required minimum charge current = battery
capacity
× 1.2/charge time.
Therefore, for a 1 Ah battery the external charge current
supply has to deliver at least 1.2 A.
TEA1104 settings
The fast charge back-up timer period, time-out, has to be
set in relation to the expected maximum charge time.
Normally, a safety back-up time is chosen approximately
25% longer than the maximum expected fast charge time.
For a one hour charger the time-out period can be set to
1.25 h.
Time-out relationship with the oscillator repetition time is
as follows;
tosc = time-out (h) × 3600/2 exp28
tosc =17µs for time-out = 1.25 h
tosc is set with the combination of Cosc and Rref;
where tosc = 0.93 × Rref × Cosc.
Rref can be chosen between 13 and 120 kΩ, but a 27 kΩ
resistor is recommended. The oscillator capacitor can be
calculated which is 668 pF; the nearest higher practical
value is 680 pF.
In the trickle charge mode the LED output will pulsate with
a repetition time; ttrickle = 2 exp14 × tosc = 0.28 s.
The duty factor of the pulse is 2.5% of ttrickle. This duty
factor also applies to the charge current as the charge
current switch is driven by the LED output. Therefore, the
average trickle charge current is Ifast /40. The Vbat input
can be adapted to the battery voltage via the resistor
dividers R1 and R2. When an NTC thermistor has been
incorporated into the battery, the minimum, maximum and
cut-off temperature levels can be set with the resistors R3
and R4. For an NTC with a common sensitivity of 3965
and adjustment resistor values R3 = 13 k
Ω, R4 = 20 kΩ
the minimum, maximum and cut-off temperatures will be 5,
42 and 50
°C respectively.
The flow chart of the TEA1104; TEA1104A is given in
Fig.5. The load state of the batteries can be displayed by
one or two LEDs. The flow chart is not to be regarded as
sequential. Each mode of operation is a purely separate
continuous process.
Table 1
Dual LED indication
CHARGER
MODE
VLED
VS
LED 1
LED 2
Fast charging
low
high
on
off
Fast charging
protection
low/high
high
on/off
off
Full
(trickle charging)
low/high
low
off
on
Battery open
high
high
off
off


Similar Part No. - TEA1104T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1102 PHILIPS-TEA1102 Datasheet
306Kb / 28P
   Fast charge ICs for NiCd, NiMH, SLA and LiIon
1999 Jan 27
More results

Similar Description - TEA1104T

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
74LV4799 PHILIPS-74LV4799 Datasheet
162Kb / 18P
   Timer for NiCd and NiMH chargers
1998 Apr 20
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
MAX712 MAXIM-MAX712_08 Datasheet
229Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 6; 12/08
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Maxim Integrated Produc...
MAX2003 MAXIM-MAX2003 Datasheet
211Kb / 20P
   NiCd/NiMH Battery Fast-Charge Controllers
MAX712 MAXIM-MAX712_V01 Datasheet
264Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
2013
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712 Datasheet
168Kb / 18P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 3; 1/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com