Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1102TS Datasheet(PDF) 9 Page - NXP Semiconductors

Part # TEA1102TS
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102TS Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button TEA1102TS Datasheet HTML 5Page - NXP Semiconductors TEA1102TS Datasheet HTML 6Page - NXP Semiconductors TEA1102TS Datasheet HTML 7Page - NXP Semiconductors TEA1102TS Datasheet HTML 8Page - NXP Semiconductors TEA1102TS Datasheet HTML 9Page - NXP Semiconductors TEA1102TS Datasheet HTML 10Page - NXP Semiconductors TEA1102TS Datasheet HTML 11Page - NXP Semiconductors TEA1102TS Datasheet HTML 12Page - NXP Semiconductors TEA1102TS Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
1999 Jan 27
9
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
To ensure an eventual load during all charging states, the
fast charge mode will be entered again if the battery
voltage drops below 15 V for SLA or 3 V for Lilon.
When charging, the standby mode (LiIon and SLA) can
only be entered after a certain period of time depending on
time-out. The same applies for charging NiCd or NiMH
batteries. To support full test of the TEA1102x at
application, the standby mode is also entered when
Vbat <Vbat(l) at fill-up or top-off respectively.
Timer
The timing of the circuit is controlled by the oscillator
frequency.
The timer block defines the maximum charging time by
‘time-out’. At a fixed oscillator frequency, the time-out time
can be adapted by the Programmable Time-out Divider
(PTD) using the following equation.
(6)
t
time
out
2
26
POD
×
PTD
×
t
osc
×
=
The time-out timer is put on hold by low voltage,
temperature protection and during the inhibit mode.
The Programmable Oscillator Divider (POD) enables the
oscillator frequency to be increased without affecting
the sampling time and time-out. Raising the oscillator
frequency will reduce the size of the inductive components
that are used.
At fast charging, after battery insertion, after refresh or
supply interruption, the full detector will be disabled for a
period of time to allow a proper start with flat or inverse
polarized batteries. This hold-off period is disabled at fast
charging by raising pin Vstb to above ±5 V (once).
So for test options it is possible to slip the hold-off period.
The hold-off time is defined by the following equation:
(7)
Table 2 gives an overview of the settings of timing and
discharge/charge currents.
t
hold
off
2
5
t
time
out
×
=
Table 2
Timing and current formulae
SYMBOL
DESCRIPTION
FORMULAE
tosc
timing
see Fig.3
Tsampling (∆T/∆t)
NTC voltage sampling frequency
217
× POD × PSD × tosc
Tsampling (Vpeak)
battery voltage sampling frequency
216
× POD × tosc
ttop-off
227
× POD × tosc
ttime-out
226
× POD × PTD × t
osc
thold-off
2−5
× ttime-out
tLED
inhibit or protection
214
× POD × tosc
tsense
210
× POD × tosc
tswitch
221
× POD × PTD × t
osc
Ifast
charge/discharge currents
Itop-off
Itrickle
Iload-max
IRFSH
R
b
R
sense
-----------------
V
ref
R
ref
----------
×
R
b
R
sense
-----------------
3
×
10
6
×
R
b
R
sense
-----------------
15
16
------
×
10
6
×
R
b
R
sense
-----------------
40
×
10
6
×
100 mV
R
sense
--------------------


Similar Part No. - TEA1102TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Similar Description - TEA1102TS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com