Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1102 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # TEA1102
Description  Fast charge ICs for NiCd, NiMH, SLA and LiIon
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1102 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button TEA1102 Datasheet HTML 7Page - NXP Semiconductors TEA1102 Datasheet HTML 8Page - NXP Semiconductors TEA1102 Datasheet HTML 9Page - NXP Semiconductors TEA1102 Datasheet HTML 10Page - NXP Semiconductors TEA1102 Datasheet HTML 11Page - NXP Semiconductors TEA1102 Datasheet HTML 12Page - NXP Semiconductors TEA1102 Datasheet HTML 13Page - NXP Semiconductors TEA1102 Datasheet HTML 14Page - NXP Semiconductors TEA1102 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
1999 Jan 27
11
Philips Semiconductors
Preliminary specification
Fast charge ICs for NiCd, NiMH, SLA and
LiIon
TEA1102; TEA1102T;
TEA1102TS
At an increase of the battery voltage the 14-bit
analog-to-digital convertor (ADC) is refreshed with this
new value. Therefore, the digitized value always
represents the maximum battery voltage. A decreased
Vbat voltage is not stored, but is compared to the stored
value.
Full is detected when the voltage decrease of Vbat is 14%
of the stored peak battery value. To avoid interference due
to the resistance of the battery contacts during battery
voltage sensing, the charge current is regulated to zero
during t = 210
× POD × tosc, via the regulation pins AO and
PWM. At the last period, the Vbat voltage is sensed and
stored in a sample-and-hold circuit. This approach
ensures very accurate detection of the battery full
condition (minus 1
4%).
When battery full is determined by
∆T/∆t, the voltage on
the NTC pin is used as the input voltage to the AD/DA
convertor. The sampling time at
∆T/∆t sensing is given by
the following equation:
(9)
After this initialized sample time the new temperature
voltage is compared to the preceding AD/DA voltage and
the AD/DA is refreshed with this new value. A certain
increase of the temperature is detected as full battery,
depending on the initialization settings. The decision of full
detection by
∆T/∆t or Vpeak is digitally filtered thus avoiding
false battery full detection.
t
sampling
∆T
∆t
-------


2
17
POD
×
PSD
×
t
osc
×
=
Output drivers
The charge current regulation signal is available at two
output pins, AO and PWM.
ANALOG OUTPUT
The analog control voltage output at pin 18 (AO) can be
used to drive an opto-coupler in mains separated
applications when an external resistor is connected
between AO and the opto-coupler. The maximum current
through the opto-coupler diode is 2 mA. The voltage gain
of amplifier A2 is typical 11 dB (times 3.5). The DC voltage
transfer is given by the following equation:
Vao = 3.5 × (VLS − 1.35).
The AO output can be used for:
• Linear (DC) applications
• Not mains isolated SMPS with a separate controller
• Mains isolated SMPS, controlled by an opto-coupler.
PULSE WIDTH MODULATOR (PWM)
The LS voltage is compared internally with the oscillator
voltage to deliver a pulse width modulated output at PWM
(pin 15) to drive an output switching device in a SMPS
converter application via a driver stage. The PWM output
is latched to prevent multi-pulsing. The maximum duty
factor is internally fixed to 79% (typ.). The PWM output can
be used for synchronization and duty factor control of a
primary SMPS via a pulse transformer.


Similar Part No. - TEA1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1100 PHILIPS-TEA1100 Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1100T PHILIPS-TEA1100T Datasheet
628Kb / 19P
   Battery monitor for Nicd and NiMH chargers
TEA1101 PHILIPS-TEA1101 Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1101T PHILIPS-TEA1101T Datasheet
748Kb / 20P
   Battery monitor for Nicd and NiMH chargers
May 1993
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
More results

Similar Description - TEA1102

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1103 PHILIPS-TEA1103 Datasheet
302Kb / 28P
   Fast charge ICs for NiCd and NiMH batteries
1999 Jan 27
logo
Texas Instruments
BQ2002 TI-BQ2002 Datasheet
134Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 1999
BQ2002D TI-BQ2002D Datasheet
117Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
JANUARY 2000
BQ2002FSNTRG4 TI-BQ2002FSNTRG4 Datasheet
688Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002E TI-BQ2002E Datasheet
78Kb / 13P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
2/99
BQ2002D TI1-BQ2002D_14 Datasheet
553Kb / 17P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
BQ2002ESNTR TI1-BQ2002ESNTR Datasheet
273Kb / 15P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management ICs
logo
TEMIC Semiconductors
U2402B TEMIC-U2402B Datasheet
317Kb / 17P
   Fast Charge Controller for NiCd/NiMH Batteries
logo
Maxim Integrated Produc...
MAX712 MAXIM-MAX712_02 Datasheet
777Kb / 17P
   NiCd/NiMH Battery Fast-Charge Controllers
Rev 5; 4/02
logo
Texas Instruments
BQ2002C TI-BQ2002C Datasheet
76Kb / 12P
[Old version datasheet]   NiCd/NiMH Fast-Charge Management IC
9/97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com