Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GSS4532 Datasheet(PDF) 2 Page - GTM CORPORATION

Part # GSS4532
Description  N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GTM [GTM CORPORATION]
Direct Link  http://www.gtm.com.tw
Logo GTM - GTM CORPORATION

GSS4532 Datasheet(HTML) 2 Page - GTM CORPORATION

  GSS4532 Datasheet HTML 1Page - GTM CORPORATION GSS4532 Datasheet HTML 2Page - GTM CORPORATION GSS4532 Datasheet HTML 3Page - GTM CORPORATION GSS4532 Datasheet HTML 4Page - GTM CORPORATION GSS4532 Datasheet HTML 5Page - GTM CORPORATION GSS4532 Datasheet HTML 6Page - GTM CORPORATION GSS4532 Datasheet HTML 7Page - GTM CORPORATION GSS4532 Datasheet HTML 8Page - GTM CORPORATION GSS4532 Datasheet HTML 9Page - GTM CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
GSS4532
Page: 2/9
ISSUED DATE :2005/07/01
REVISED DATE :2005/09/29B
N-Channel Electrical Characteristics(Tj = 25
Unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
BVDSS
30
-
-
V
VGS=0, ID=250uA
Breakdown Voltage Temperature Coefficient
BVDSS /
Tj
-
0.037
-
V/ :
Reference to 25 : , ID=1mA
Gate Threshold Voltage
VGS(th)
1.0
-
3.0
V
VDS=VGS, ID=250uA
Forward Transconductance
gfs
-
8
-
S
VDS=10V, ID=5A
Gate-Source Leakage Current
IGSS
-
-
D100
nA
VGS= D20V
Drain-Source Leakage Current(Tj=25 : )
-
-
1
uA
VDS=30V, VGS=0
Drain-Source Leakage Current(Tj=55 : )
IDSS
-
-
25
uA
VDS=24V, VGS=0
-
-
50
VGS=10V, ID=5A
Static Drain-Source On-Resistance
RDS(ON)
-
-
70
m Ł
VGS=4.5V, ID=4.2A
Total Gate Charge2
Qg
-
10.2
-
Gate-Source Charge
Qgs
-
1.2
-
Gate-Drain (“Miller”) Change
Qgd
-
3.4
-
nC
ID=5A
VDS=10V
VGS=10V
Turn-on Delay Time2
Td(on)
-
6
-
Rise Time
Tr
-
9
-
Turn-off Delay Time
Td(off)
-
15
-
Fall Time
Tf
-
5.5
-
ns
VDS=10V
ID=1A
VGS=10V
RG=6 Ł
RD=10 Ł
Input Capacitance
Ciss
-
240
-
Output Capacitance
Coss
-
145
-
Reverse Transfer Capacitance
Crss
-
55
-
pF
VGS=0V
VDS=25V
f=1.0MHz
Source-Drain Diode
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Forward On Voltage2
VSD
-
-
1.2
V
IS=1.7A, VGS=0V, Tj=25 :
Continuous Source Current (Body Diode)
IS
-
-
1.7
A
VD=VG=0V, VS=1.2V
Pulsed Source Current (Body Diode)
1
ISM
-
-
20
A
Notes: 1. Pulse width limited by Max. junction temperature.
2. Pulse width 300us, duty cycle 2%.
3. Surface mounted on FR4 board, t 10sec.
4. Pulse width 10us, duty cycle 1%.


Similar Part No. - GSS4532

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4500 GTM-GSS4500 Datasheet
436Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4501 GTM-GSS4501 Datasheet
423Kb / 9P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4501S GTM-GSS4501S Datasheet
492Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4502 GTM-GSS4502 Datasheet
589Kb / 9P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - GSS4532

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSS4503 GTM-GSS4503 Datasheet
557Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4565 GTM-GSS4565 Datasheet
559Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GT2530 GTM-GT2530 Datasheet
390Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
List of Unclassifed Man...
AP2030M ETC-AP2030M Datasheet
112Kb / 11P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Advanced Power Electron...
AP2530GY A-POWER-AP2530GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP2531GY A-POWER-AP2531GY Datasheet
85Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
Jiangsu Changjiang Elec...
CJQ4503 JIANGSU-CJQ4503 Datasheet
5Mb / 6P
   N-and P-Channel Enhancement Mode Power MOSFET
logo
Cystech Electonics Corp...
MTC3588N6 CYSTEKEC-MTC3588N6_16 Datasheet
856Kb / 12P
   N- And P-Channel Enhancement Mode Power MOSFET
logo
Advanced Power Electron...
AP4501GSD A-POWER-AP4501GSD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4511GD A-POWER-AP4511GD Datasheet
155Kb / 8P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
AP4569GD A-POWER-AP4569GD Datasheet
96Kb / 7P
   N AND P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com