Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NT7603BDB-01 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # NT7603BDB-01
Description  Single-Chip 16Cx2L Dot-Matrix LCD Controller / Driver
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NT7603BDB-01 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button NT7603BDB-01 Datasheet HTML 2Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 3Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 4Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 5Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 6Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 7Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 8Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 9Page - List of Unclassifed Manufacturers NT7603BDB-01 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
NT7603
6/25
Ver 0.5
Absolute Maximum Ratings*
Power Supply Voltage (VDD) . . . . . . . . . . -0.3V to +7.0V
Power Supply Voltage (V1 to V5) . . . . . . . . . . . . . . . . . .
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to VDD+0.3V
Input Voltage (VI) . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Operating Temperature (TOPR) . . . . . . .-20
°C to +70°C
Storage Temperature (TSTG) . . . . . . . .-55
°C to +125°C
*Comments
Stresses above those listed under "Absolute Maximum
Ratings" may cause permanent damage to this device.
These are stress ratings only. Functional operation of this
device at these or any other conditions above those
indicated in the operational sections of this specification is
not implied or intended. Exposure to the absolute maximum
rating conditions for extended periods may affect device
reliability.
T All voltage values are referenced to GND = 0V
T V1 to V5, must maintain VDD ≥ V1 ≥ V2 ≥ V3 ≥ V4 ≥ V5 ≥ GND.
DC Electrical Characteristics (VDD = 5.0V, GND = 0V, TA = 25
°C)
Symbol
Parameter
Min.
Typ.
Max.
Unit
Conditions
Applicable
Pin
VDD
Operating Voltage
4.5
5.0
5.5
V
VIH1
"H" Level Input Voltage (1)
2.2
-
VDD
V
DB0 – DB7,
RS,
VIL1
"L" Level Input Voltage (1)
-0.3
-
0.8
V
R/W, E
VIH2
"H" Level Input Voltage (2)
VDD -1.0
-
VDD
VOSC1
VIL2
"L" Level Input Voltage (2)
GND
-
1.0
V
VOH1
"H" Level Output Voltage (1)
2.4
-
-
V
IOH = -0.25mA
DB0 - DB7
VOL1
"L" Level Output Voltage (1)
-
-
0.4
V
IOL = 1.2mA
(TTL)
VCOM
Driver Voltage Descending (COM)
-
-
0.3
V
ID = 5
µA
COM1 - 16
VSEG
Driver Voltage Descending (SEG)
-
-
0.3
V
ID = 5
µA
SEG1 - 80
IIL
Input Leakage Current
-1
-
1
µA
VIN = 0 to VDD
Not include
OSCI
-IP
Pull-up MOS Current
50
125
250
µA
VDD = 5V
RS, R/W,
DB0-DB7
IOP
Power Supply Current
-
1
1.5
mA
Rf oscillation,
from external
clock VDD = 5V,
fOSC = fCP =
540KHz,
include LCD bias
current.
VDD


Similar Part No. - NT7603BDB-01

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NT76 DBLECTRO-NT76 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
NT76 DBLECTRO-NT76 Datasheet
538Kb / 2P
   Switching capacity up to 16A
logo
HuaXinAn Electronics CO...
NT76A HUAXINAN-NT76A Datasheet
524Kb / 1P
   Super light in weight
logo
DB Lectro Inc
NT76ADC12VC0.2 DBLECTRO-NT76ADC12VC0.2 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
NT76ADC12VC0.25 DBLECTRO-NT76ADC12VC0.25 Datasheet
460Kb / 2P
   Super light in weight. / Switching capacity up to 16A.
More results

Similar Description - NT7603BDB-01

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9041 OKI-ML9041 Datasheet
537Kb / 55P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Sitronix Technology Co....
ST7038 SITRONIX-ST7038 Datasheet
1Mb / 63P
   Dot Matrix LCD Controller/Driver
logo
Renesas Technology Corp
PD16435 RENESAS-PD16435_15 Datasheet
440Kb / 38P
   DOT MATRIX LCD CONTROLLER/DRIVER
logo
Sitronix Technology Co....
ST7066U SITRONIX-ST7066U Datasheet
601Kb / 42P
   Dot Matrix LCD Controller/Driver
logo
Epson Company
SED1530 EPSON-SED1530 Datasheet
176Kb / 13P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
List of Unclassifed Man...
ST7036 ETC-ST7036 Datasheet
864Kb / 72P
   Dot Matrix LCD Controller/Driver
logo
OKI electronic componet...
ML9041A OKI-ML9041A Datasheet
655Kb / 64P
   DOT MATRIX LCD CONTROLLER DRIVER
logo
Epson Company
SED1200F EPSON-SED1200F Datasheet
149Kb / 6P
   Dot Matrix LCD Controller Driver
SED1526 EPSON-SED1526 Datasheet
105Kb / 12P
   Dot Matrix LCD Controller Driver
SED1278F EPSON-SED1278F Datasheet
561Kb / 13P
   Dot Matrix LCD Controller Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com