Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1098ATV Datasheet(PDF) 7 Page - NXP Semiconductors

Part # TEA1098ATV
Description  Speech and handsfree IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1098ATV Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button TEA1098ATV Datasheet HTML 3Page - NXP Semiconductors TEA1098ATV Datasheet HTML 4Page - NXP Semiconductors TEA1098ATV Datasheet HTML 5Page - NXP Semiconductors TEA1098ATV Datasheet HTML 6Page - NXP Semiconductors TEA1098ATV Datasheet HTML 7Page - NXP Semiconductors TEA1098ATV Datasheet HTML 8Page - NXP Semiconductors TEA1098ATV Datasheet HTML 9Page - NXP Semiconductors TEA1098ATV Datasheet HTML 10Page - NXP Semiconductors TEA1098ATV Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
2000 Mar 21
7
Philips Semiconductors
Preliminary specification
Speech and handsfree IC
TEA1098A
handbook, full pagewidth
1
2
3
4
5
6
7
8
9
10
11
33
32
31
30
29
28
27
26
25
24
23
TEA1098AH
FCA142
EARO
DTMF
MIC
+
MIC
TXI
GATX
TXO
IDT
SWT
n.c.
HFRX
TNOI
TENV
TSEN
RNOI
RSEN
DLC
n.c.
GALS
GNDTX
RENV
VBB
Fig.3 Pin configuration (TEA1098AH).
FUNCTIONAL DESCRIPTION
All data given in this chapter are typical values, except
when otherwise specified.
Supplies
LINE INTERFACE AND INTERNAL SUPPLY (PINS LN, SLPE,
REG AND VBB)
The supply for the TEA1098A and its peripherals is
obtained from the line. The IC generates a stabilized
reference voltage (Vref) between pins SLPE and GND.
This reference voltage is equal to 3.7 V for line currents
lower than 18 mA. It than increases linearly with the line
current and reaches the value of 6.1 V for line currents
higher than 45 mA. For line currents below 9 mA, the
internal reference voltage generating Vref is automatically
adjusted to a lower value. This is the so-called low voltage
area and the TEA1098A has limited performances in this
area (see Section “Low voltage behaviour”). This
reference voltage is temperature compensated.
The voltage between pins SLPE and REG is used by the
internal regulator to generate the stabilized reference
voltage and is decoupled by means of a capacitor between
pins LN and REG.
This capacitor converted into an equivalent inductance
realizes the set impedance conversion from its DC value
(RSLPE) to its AC value (done by an external impedance).
The IC regulates the line voltage at pin LN and can be
calculated as follows:
where:
Iline = line current
Ix = current consumed on pin LN (approximately a few
µA)
ISLPE = current flowing through the RSLPE resistor
The preferred value for RSLPE is 20 Ω. Changing this value
will affect more than the DC characteristics; it also
influences the transmit gains to the line, the gain control
characteristic, the sidetone level and the maximum output
swing on the line.
V
LN
V
ref
R
SLPE
I
×
+
SLPE
=
I
SLPE
I
line
I
x
=


Similar Part No. - TEA1098ATV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098H PHILIPS-TEA1098H Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098TV PHILIPS-TEA1098TV Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1098UH PHILIPS-TEA1098UH Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
More results

Similar Description - TEA1098ATV

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
ams AG
AS2520 AMSCO-AS2520 Datasheet
96Kb / 14P
   Telephone Speech Circuit with Loudhearing and Handsfree
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
UMC Corporation
UM93510 UMC-UM93510 Datasheet
708Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
List of Unclassifed Man...
UM93520 ETC-UM93520 Datasheet
612Kb / 11P
   SPEECH RECORDING AND REPRODUCTION IC
logo
NXP Semiconductors
TEA1096 PHILIPS-TEA1096 Datasheet
390Kb / 32P
   Speech and listening-in IC
November 1994
logo
ON Semiconductor
LC703200AW ONSEMI-LC703200AW Datasheet
208Kb / 20P
   Speech Processing IC
December, 2013
logo
STMicroelectronics
TEA7540 STMICROELECTRONICS-TEA7540 Datasheet
132Kb / 12P
   HANDSFREE CONTROLLER
logo
New Japan Radio
NJM2105 NJRC-NJM2105 Datasheet
204Kb / 6P
   TELEPHONE SPEECH NETWORK IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com