Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKP408KS Datasheet(PDF) 1 Page - Renesas Technology Corp

Part No. RKP408KS
Description  Composite Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKP408KS Datasheet(HTML) 1 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
REJ03G1500-0200 Rev.2.00 Mar 16, 2007
Page 1 of 4
RKP408KS
Composite Pin Diode for Antenna Switching
REJ03G1500-0200
Rev.2.00
Jun 08, 2007
Features
• An optimal solution for antenna switching in mobile phones.
• Low capacitance. (C = 0.31 pF max)
• Low forward resistance. (rf = 2.5 Ω max @I
F = 2 mA, f = 100 MHz)
• Thin outline of diode array with four same kind of elements (MFP12) is suitable for surface mount design.
Ordering Information
Part No.
Laser Mark
Package Name
Package Code
RKP408KS
K9
MFP12
PUSF0012ZA-A
Pin Arrangement
1
23
45
6
12
11
10
9
8
7
1
23
4
5
6
12
11
10
9
8
7
HVL147M Series


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn