Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKP408KS Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. RKP408KS
Description  Composite Pin Diode for Antenna Switching
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RKP408KS Datasheet(HTML) 4 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
RKP408KS
REJ03G1500-0200 Rev.2.00 Jun 08, 2007
Page 4 of 4
Package Dimensions
A1
0.44
0
0.47
0.50
-
0.05
A2
0.13
0.18
0.23
0.10
0.13
0.16
b
c
2.70
1.10
1.20
1.30
D
E
-
0.43
-
e
-0.28
-
-1.1
-
-0.25
-
b2
e1
l1
Dimension in Millimeters
Min
Nom
Max
Reference
Symbol
0.23
Lp
0.05
0.15
0.18
0.28
1.30
1.40
1.50
2.60
2.80
0.10
HE
L
0.004g
MASS[Typ.]
MFP12V
PUSF0012ZA-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
MFP12
e
l1
b2
A2
A1
D
b
E
HE
e
e
e1
Pattern of terminal position areas
L
c
Lp


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn