Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

RQK0606KGDQA Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. RQK0606KGDQA
Description  Silicon N Channel MOS FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

RQK0606KGDQA Datasheet(HTML) 6 Page - Renesas Technology Corp

   
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RQK0606KGDQA
Rev.1.00 Jan 15, 2007 page 6 of 7
Vin Monitor
D.U.T.
Vin
10 V
RL
Rg
VDD
= 10 V
Vout
Monitor
Switching Time Test Circuit
Switching Time Waveform
tr
tf
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn