Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TEA1097 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # TEA1097
Description  Speech and loudspeaker amplifier IC with auxiliary inputs/outputs and analog multiplexer
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TEA1097 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button TEA1097 Datasheet HTML 14Page - NXP Semiconductors TEA1097 Datasheet HTML 15Page - NXP Semiconductors TEA1097 Datasheet HTML 16Page - NXP Semiconductors TEA1097 Datasheet HTML 17Page - NXP Semiconductors TEA1097 Datasheet HTML 18Page - NXP Semiconductors TEA1097 Datasheet HTML 19Page - NXP Semiconductors TEA1097 Datasheet HTML 20Page - NXP Semiconductors TEA1097 Datasheet HTML 21Page - NXP Semiconductors TEA1097 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
1999 Apr 08
18
Philips Semiconductors
Product specification
Speech and loudspeaker amplifier IC with
auxiliary inputs/outputs and analog multiplexer
TEA1097
Fig.10 Safe operating area (TEA1097H).
LINE
Tamb (°C)
Ptot (mW)
(1)
35
1304
(2)
45
1158
(3)
55
1012
(4)
65
866
(5)
75
720
handbook, full pagewidth
160
0
3
911
Iline
(mA)
7
5
120
40
80
13
4
10
12
8
6
VSLPE (V)
FCA025
(1)
(2)
(5)
(3)
(4)


Similar Part No. - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1093 PHILIPS-TEA1093 Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1093T PHILIPS-TEA1093T Datasheet
208Kb / 28P
   Hands-free IC
1996 Feb 09
TEA1094 PHILIPS-TEA1094 Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094A PHILIPS-TEA1094A Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
TEA1094AM PHILIPS-TEA1094AM Datasheet
221Kb / 28P
   Hands free IC
1996 Jul 15
More results

Similar Description - TEA1097

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TEA1099H PHILIPS-TEA1099H Datasheet
185Kb / 40P
   Speech and handsfree IC with auxiliary inputs/outputs and analog multiplexer
1999 Apr 08
logo
TEMIC Semiconductors
U4050B TEMIC-U4050B Datasheet
341Kb / 18P
   Speech Circuit with Line-Powered Loudspeaker Amplifier
logo
Maxim Integrated Produc...
DG120XEVKIT MAXIM-DG120XEVKIT Datasheet
860Kb / 11P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 9/20
DG1208EVKIT MAXIM-DG1208EVKIT Datasheet
1Mb / 12P
   SMA Connectors for Analog Inputs and Outputs
Rev 0; 11/20
logo
NXP Semiconductors
TEA1098 PHILIPS-TEA1098 Datasheet
199Kb / 40P
   Speech and handsfree IC
1999 Oct 14
logo
IC MICROSYSTEMS
ICM7111 ICMIC-ICM7111 Datasheet
314Kb / 10P
   SPEECH AND RINGER IC
logo
Schneider Electric
TM3AM6 SCHNEIDER-TM3AM6 Datasheet
172Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs
Aug 10, 2019
logo
NXP Semiconductors
TEA1098A PHILIPS-TEA1098A Datasheet
185Kb / 40P
   Speech and handsfree IC
2000 Mar 21
logo
Schneider Electric
TM3AM6G SCHNEIDER-TM3AM6G Datasheet
171Kb / 6P
   module TM3 - 4 analog inputs and 2 analog outputs spring
Aug 10, 2019
logo
Toshiba Semiconductor
TC74VCX157FT TOSHIBA-TC74VCX157FT Datasheet
327Kb / 8P
   LOW VOLTAGE QUAD 2-CHANNEL MULTIPLEXER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com