Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RKR0505AKH Datasheet(PDF) 3 Page - Renesas Technology Corp

Part No. RKR0505AKH
Description  Silicon Schottky Barrier Diode for Rectifying
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RKR0505AKH Datasheet(HTML) 3 Page - Renesas Technology Corp

  RKR0505AKH Datasheet HTML 1Page - Renesas Technology Corp RKR0505AKH Datasheet HTML 2Page - Renesas Technology Corp RKR0505AKH Datasheet HTML 3Page - Renesas Technology Corp RKR0505AKH Datasheet HTML 4Page - Renesas Technology Corp RKR0505AKH Datasheet HTML 5Page - Renesas Technology Corp RKR0505AKH Datasheet HTML 6Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RKR0505AKH
Rev.1.00 Jan 09, 2007 page 3 of 5
Main Characteristic
1.0
10
–1
Pulse test
Pulse test
10
1.0
100
10
–4
10
–3
10
–5
10
–2
Ta = 25°C
Ta = 75°C
Reverse voltage VR (V)
Fig.2 Reverse current vs. Reverse voltage
Reverse voltage VR (V)
Fig.3 Capacitance vs. Reverse voltage
Forward voltage VF (V)
Fig.1 Forward current vs. Forward voltage
0
0.1
0.2
0.3
0.4
0.5
0
5
10
15
20
10
1.0
0.1
100
f = 1MHz
Pulse test
10
–1
10
–4
10
–3
10
–5
10
–2
10
–6
Ta = 75°C
Ta = 25°C


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
HRU0203A Silicon Schottky Barrier Diode for Rectifying 1  2  3  4  5  More Renesas Technology Corp
HRL0103C Silicon Schottky Barrier Diode for Rectifying 1  2  3  4  5  More Renesas Technology Corp
HRC0202A Silicon Schottky Barrier Diode for Rectifying 1  2  3  4  5  More Renesas Technology Corp
HSL226_07 Silicon Schottky Barrier Diode for High Speed Switching 1  2  3  4  5  Renesas Technology Corp
HSD88 Silicon Schottky Barrier Diode for Detector Mixer 1  2  3  4  5  Renesas Technology Corp
1SS286 Silicon Schottky Barrier Diode for Various Detector High Speed Switching 1  2  3  4  5  Renesas Technology Corp
1SS88 Silicon Schottky Barrier Diode for CATV Balanced Mixer 1  2  3  4  5  Renesas Technology Corp
RKD750KP Silicon Schottky Barrier Diode for Detector 1  2  3  4  5  Renesas Technology Corp
RKD751KP Silicon Schottky Barrier Diode for Detector 1  2  3  4  5  Renesas Technology Corp

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn