Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV3065DR2G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NCV3065DR2G
Description  Up to 1.5 A Constant Current Switching Regulator for LEDs
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV3065DR2G Datasheet(HTML) 5 Page - ON Semiconductor

  NCV3065DR2G Datasheet HTML 1Page - ON Semiconductor NCV3065DR2G Datasheet HTML 2Page - ON Semiconductor NCV3065DR2G Datasheet HTML 3Page - ON Semiconductor NCV3065DR2G Datasheet HTML 4Page - ON Semiconductor NCV3065DR2G Datasheet HTML 5Page - ON Semiconductor NCV3065DR2G Datasheet HTML 6Page - ON Semiconductor NCV3065DR2G Datasheet HTML 7Page - ON Semiconductor NCV3065DR2G Datasheet HTML 8Page - ON Semiconductor NCV3065DR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
NCP3065, NCV3065
http://onsemi.com
5
Figure 5. Oscillator Frequency vs. Oscillator
Timing Capacitor
Figure 6. Oscillator Frequency vs. Supply
Voltage
Ct, CAPACITANCE (nF)
VCC, SUPPLY VOLTAGE (V)
40
29
25
16
12
7
3
110
120
130
150
160
170
180
190
Figure 7. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Temperature
Figure 8. Common Emitter Configuration Output
Darlington Switch Voltage Drop vs. Temperature
TJ, JUNCTION TEMPERATURE (°C)
TJ, JUNCTION TEMPERATURE (°C)
150
100
50
0
-50
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
150
100
50
0
-50
1.0
1.05
1.10
1.15
1.20
1.25
Figure 9. Emitter Follower Configuration Output
Darlington Switch Voltage Drop vs. Emitter Current
Figure 10. Common Emitter Configuration
Output Darlington Switch Voltage Drop vs.
Collector Current
IE, EMITTER CURRENT (A)
IC, COLLECTOR CURRENT (A)
1.5
1.0
0.5
0
1.0
1.1
1.2
1.3
1.5
1.7
1.8
2.0
1.5
1.0
0.5
0
0.5
0.6
0.7
0.8
0.9
1.1
1.4
1.5
21
34
38
140
CT = 2.2 nF
TJ = 25°C
VCC = 5.0 V
IE = 1 A
VCC = 5.0 V
IC = 1 A
1.4
1.6
1.9
1.0
1.3
1.2
VCC = 5.0 V
TJ = 25°C
VCC = 5.0 V
TJ = 25°C
0
50
100
150
200
250
300
350
400
450
0 1 2 3 4 5 6 7 8 9 10 11 12 1314 1516 1718 1920


Similar Part No. - NCV3065DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV3063 ONSEMI-NCV3063 Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
NCV3063DR2G ONSEMI-NCV3063DR2G Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063MNTXG ONSEMI-NCV3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
NCV3063PG ONSEMI-NCV3063PG Datasheet
259Kb / 16P
   1.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2006 ??Rev. 1
More results

Similar Description - NCV3065DR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP3066 ONSEMI-NCP3066 Datasheet
1Mb / 20P
   Up to 1.5 A Constant Current Switching Regulator for LEDs with ON/OFF Function
January, 2009 ??Rev. 3
logo
STMicroelectronics
A5972D_0808 STMICROELECTRONICS-A5972D_0808 Datasheet
641Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD_0808 STMICROELECTRONICS-A5973AD_0808 Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
A5973AD STMICROELECTRONICS-A5973AD Datasheet
1Mb / 19P
   Up to 1.5 A step down switching regulator for automotive applications
R5973AD STMICROELECTRONICS-R5973AD Datasheet
1Mb / 38P
   Up to 1.5 A step-down switching regulator for aerospace applications
A5972D STMICROELECTRONICS-A5972D_08 Datasheet
640Kb / 11P
   Up to 1.5 A step down switching regulator for automotive applications
R5972D STMICROELECTRONICS-R5972D Datasheet
1Mb / 35P
   Up to 1.5 A step-down switching regulator for aerospace applications
logo
Feeling Technology Corp...
FP7201 FEELING-FP7201 Datasheet
770Kb / 14P
   Constant Current Switching Regulator for White LED
logo
ON Semiconductor
NCV30161 ONSEMI-NCV30161 Datasheet
252Kb / 10P
   Constant-Current Buck Regulator for Driving High Power LEDs
June, 2019 ??Rev. 1
NSI50350AST3G ONSEMI-NSI50350AST3G Datasheet
201Kb / 7P
   Constant Current Regulator Constant Current Regulator
May, 2012 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com